Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MS2176 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # MS2176
Description  RF AND MICROWAVE TRANSISTORS UHF PULSED APPLICATIONS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS2176 Datasheet(HTML) 1 Page - Advanced Power Technology

  MS2176 Datasheet HTML 1Page - Advanced Power Technology MS2176 Datasheet HTML 2Page - Advanced Power Technology MS2176 Datasheet HTML 3Page - Advanced Power Technology MS2176 Datasheet HTML 4Page - Advanced Power Technology MS2176 Datasheet HTML 5Page - Advanced Power Technology MS2176 Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MS2176
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
DESCRIPTION:
The MS2176 is a gold metallized silicon NPN pulse power transistor
designed for applications requiring high peak power and low duty
cycles within the frequency range of 400 – 500 MHz.
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
65
V
VCES
Collector-Emitter Voltage
65
V
VEBO
Emitter-Base Voltage
3.5
V
IC
Device Current
21.6
A
PDISS
Power Dissipation
875
W
TJ
Junction Temperature
+200
°°C
TSTG
Storage Temperature
-65 to +150
°°C
Thermal Data
RTH(j-c)
Junction-Case Thermal Resistance
0.2
°°C/W
Features
Features
• 350 WATTS @ 10µSEC PULSE WIDTH, 10% DUTY
CYCLE
• 300 WATTS @ 250µSEC PULSE WIDTH 10% DUTY
CYCLE
• 9.5 DB MIN. GAIN
• REFRACTORY GOLD METALLIZATION
• EMITTER BALLASTING AND LOW THERMAL
RESISTANCE FOR RELIABILITY AND RUGGEDNESS
• INFINITE VSWR CAPABILITY AT SPECIFIED
OPERATING CONDITIONS
RF AND MICROWAVE TRANSISTORS
UHF PULSED APPLICATIONS
140 COMMERCE DRIVE
MONTGOMERYVILLE, PA
18936-1013
PHONE: (215) 631-9840
FAX: (215) 631-9855


Similar Part No. - MS2176

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MS2176 MICROSEMI-MS2176 Datasheet
187Kb / 4P
RF & MICROWAVE TRANSISTORS
More results

Similar Description - MS2176

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AM80610-030 STMICROELECTRONICS-AM80610-030 Datasheet
44Kb / 3P
RF & MICROWAVE TRANSISTORS UHF COMMUNICATIONS APPLICATIONS
rev. A
SD1135 STMICROELECTRONICS-SD1135 Datasheet
52Kb / 4P
RF & MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
Oct-1992
SD1434 STMICROELECTRONICS-SD1434 Datasheet
73Kb / 5P
RF & MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
Oct-1992
SD1563 STMICROELECTRONICS-SD1563 Datasheet
106Kb / 7P
RF & MICROWAVE TRANSISTORS UHF PULSED APPLICATIONS
07-Sep-1994
SD1565 STMICROELECTRONICS-SD1565 Datasheet
107Kb / 6P
RF & MICROWAVE TRANSISTORS UHF PULSED APPLICATIONS
19-Jul-1994
logo
Advanced Power Technolo...
MS1480 ADPOW-MS1480 Datasheet
96Kb / 3P
RF & MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
MS2200 ADPOW-MS2200 Datasheet
201Kb / 6P
RF AND MICROWAVE TRANSISTORS UHF PULSED APPLICATIONS
MS1402 ADPOW-MS1402 Datasheet
90Kb / 3P
RF AND MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
SD1146 ADPOW-SD1146 Datasheet
132Kb / 4P
RF AND MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
logo
New Jersey Semi-Conduct...
SD1536 NJSEMI-SD1536 Datasheet
91Kb / 3P
RF & MICROWAVE TRANSISTORS UHF PULSED APPLICATIONS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com