Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA4887 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA4887
Description  160 MHz bus-controlled monitor video preamplifier
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4887 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA4887 Datasheet HTML 3Page - NXP Semiconductors TDA4887 Datasheet HTML 4Page - NXP Semiconductors TDA4887 Datasheet HTML 5Page - NXP Semiconductors TDA4887 Datasheet HTML 6Page - NXP Semiconductors TDA4887 Datasheet HTML 7Page - NXP Semiconductors TDA4887 Datasheet HTML 8Page - NXP Semiconductors TDA4887 Datasheet HTML 9Page - NXP Semiconductors TDA4887 Datasheet HTML 10Page - NXP Semiconductors TDA4887 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
2001 Oct 19
7
Philips Semiconductors
Product specification
160 MHz bus-controlled monitor video
preamplifier
TDA4887PS
6
PINNING
SYMBOL
PIN
DESCRIPTION
FBL
1
fast blanking input for OSD insertion
OSD1
2
OSD input, channel 1
OSD2
3
OSD input, channel 2
OSD3
4
OSD input, channel 3
CLI
5
input clamping and vertical blanking
input
VI1
6
signal input, channel 1
VP
7
supply voltage
VI2
8
signal input, channel 2
GND
9
ground
VI3
10
signal input, channel 3
HFB
11
output clamping and blanking input
SDA
12
I2C-bus serial data input/output
SCL
13
I2C-bus clock input
GNDX
14
ground signal, channels 1, 2 and 3
VP3
15
supply voltage, channel 3
VO3
16
signal output, channel 3
FB/R3
17
feedback input/reference voltage
output channel 3
VP2
18
supply voltage, channel 2
VO2
19
signal output, channel 2
FB/R2
20
feedback input/reference voltage
output, channel 2
VP1
21
supply voltage, channel 1
VO1
22
signal output, channel 1
FB/R1
23
feedback input/reference voltage
output, channel 1
LIM
24
subcontrast adjustment, contrast
modulation and beam current
limiting input
handbook, halfpage
FBL
OSD1
OSD2
OSD3
CLI
VI1
VP
VI2
GND
VI3
HFB
SDA
LIM
FB/R1
VO1
VP1
VO2
VP2
FB/R2
FB/R3
VO3
VP3
GNDX
SCL
MHB919
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
TDA4887PS
Fig.2 Pin configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com