Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACPE Datasheet(PDF) 1 Page - Abracon Corporation

Part # ACPE
Description  FUNDAMENTAL FREQUENCY, LOW JITTER 5.0V or 3.3Vdc FULL-SIZE DIP CRYSTAL CLOCK OSCILLATORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ACPE Datasheet(HTML) 1 Page - Abracon Corporation

  ACPE Datasheet HTML 1Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FUNDAMENTAL FREQUENCY, LOW JITTER 5.0V or 3.3Vdc FULL-SIZE DIP
CRYSTAL CLOCK OSCILLATORS
ACPE and ACPEL
ACPEX - Frequency - Temperature - Overall Frequency Stability - Pin 1 option - Value Added
XX.XXXX MHz
-Y for ± 10ppm max.
-J for ± 20ppm max.
-R for ± 25ppm max.
-K for ± 30ppm max.
-H for ± 35ppm max.
-C for ± 50ppm max.
-G
Gull Wing
-QXX (Trimmed Leads)
-D for -10°C to + 60°C
-E for -20°C to + 70°C
-F for -30°C to + 70°C
-N for -30°C to + 85°C
-L for -40°C to + 85°C
-Blank = N/C
-QBAR = Complementary output
-A
= Enable/Disable
ORDERING OPTIONS
PIN
FUNCTION
NUMBER
1
NC or Q or E/D
7
GND / Case
8
Output
14
Vcc
APPLICATIONS:
• Gigabit ethernet.
• xDSL, Stratum IV.
• Data telecommunications and networking.
• SONET/SDH.
FEATURES:
• Low jitter PECL logic.
• Complementary output.
• Tight overall frequency stability.
• Wide frequency range.
• Fast rise and fall times.
Dimensions: Inches (mm)
Frequency Range
3.5 MHz - 25 MHz
Operation Mode
Fundamental, AT
Operating Temperature
-10°C to + 60° C (See Options)
Storage Temperature
-55°C to + 125° C
Frequency Tolerance @ 25°C
±50 ppm max. (See Options)
Frequency Stability over Temp.
±50 ppm max. (See Options)
Equivalent Series Resistance
200 W for 3.5 MHz < F < 4.0 MHz
(ESR) Maximum
150 W for 4.0 MHz < F < 6.0 MHz
100 W for 6.0 MHz < F < 10.0 MHz
80 W for 10 MHz < F < 14.0 MHz
50 W for 14 MHz < F <_ 25 MHz
Shunt Capacitance C0
7 pF max.
Load Capacitance CL
16pF (See Option)
Drive Level
100µW max.
Aging @ 25° C First Year
± 5 ppm max.
Insulation Resistance
500 MW min. at 100 Vdc ± 15V
PARAMETERS
ACPE
ACPEL
S
S
T
T
A
A
N
N
D
D
A
A
R
R
D
D
S
S
P
P
E
E
C
C
I
I
F
F
I
I
C
C
A
A
T
T
I
I
O
O
N
N
S
S
Frequency Range
(Fo)
10.00MHz - 200MHz
Operating Temperature (TOPR)
0°C to +70°C (see options)
Storage Temperature
(TSTO)
-55°C to +105°C
Frequency Stability
(DF/ Fo)
±100ppm max. (See Options)
Supply Voltage
(Vcc)
+5Vdc ±5%
+3.3Vdc ±5%
Supply Current
(Idd)
100mA max.
Duty cycle or Symmetry
40/60% max. measured 50% waveform
Rise and Fall times
(Tr/Tf)
2ns max. measured at 20% to 80% level
Output
PECL square wave 10KH compatible
Output and E/D options (pin 1)
No connection or Complementary output or E/D
Output load
50W terminated into 3VDC or Thevenin equivalent
Output voltage
VOH = Vcc -1.025V min., Vcc - 0.74V max.
VOL = Vcc -1.95V min., Vcc - 1.60V max.
Period Jitter
3.5ps RMS max.
Enable/Disable option (pin 1)
VIL= Vcc -1.62V max., VIH = Vcc -1.025V min.
(Output is in “0” state when disabled)
Start-up time
10ms max.
* Output must be terminated into 50W to +3VDC or Thevenin equivalent.
Environmental and mechanical specifications, see appendix C. Group 1.
Value added, see appendix D.
Teat circuit and waveforms, see appendix B
Marking, see appendix G. Recommended handling, see appendix F.
Application notes, see appendix A.
20 x 12.6 x 7.2 mm
Vdd
R1
R2
5.0V
82W
130W
3.3V 130W
82W
Blank
or L
Thevenin equivalent
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
NOTE: Left blank if standard
• All specifications and markings subject to change without notice
29 Journey • Aliso Viejo, CA 92656 • USA
(949) 448-7070
•
FAX: (949) 448-8484
E-MAIL:
abinfo@abracon.com • INTERNET ADDRESS: www.abracon.com
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON
®
C O R P O R A T I O N
58


Similar Part No. - ACPE

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACPEL ABRACON-ACPEL Datasheet
156Kb / 2P
CRYSTAL CLOCK OSCILLATORS
Revised C: 03.11.08
ACPEL-D-CQ20-QBAR ABRACON-ACPEL-D-CQ20-QBAR Datasheet
497Kb / 2P
CRYSTAL CLOCK OSCILLATORS
10.23.10
ACPEL-D-CQ25-QBAR ABRACON-ACPEL-D-CQ25-QBAR Datasheet
497Kb / 2P
CRYSTAL CLOCK OSCILLATORS
10.23.10
ACPEL-D-CQ30-QBAR ABRACON-ACPEL-D-CQ30-QBAR Datasheet
497Kb / 2P
CRYSTAL CLOCK OSCILLATORS
10.23.10
ACPEL-D-HQ20-QBAR ABRACON-ACPEL-D-HQ20-QBAR Datasheet
497Kb / 2P
CRYSTAL CLOCK OSCILLATORS
10.23.10
More results

Similar Description - ACPE

ManufacturerPart #DatasheetDescription
logo
Formosa MS
90SMO FORMOSA-90SMO Datasheet
119Kb / 1P
Crystal Clock Oscillators (3.3V or 5.0V FIXED MODELS)
logo
Abracon Corporation
ACOL ABRACON-ACOL Datasheet
448Kb / 1P
3.3Vdc HCMOS/ TTL COMPATIBLE FULL-SIZE AND HALF-SIZE DIP CRYSTAL CLOCK OSCILLATORS
ACOS ABRACON-ACOS Datasheet
509Kb / 1P
5Vdc SINE OUTPUT, FULL-SIZE DIP CRYSTAL CLOCK OSCILLATORS
ACSD ABRACON-ACSD Datasheet
190Kb / 3P
5.0VDC or 3.3VDC 8 PIN DIP HCMOS/ TTL LOW EMI SPREAD SPECTRUM CRYSTAL CLOCK OSCILLATORS
29 Journey
ACVX1220 ABRACON-ACVX1220 Datasheet
486Kb / 1P
TTL / CMOS FULL-SIZE DIP 5Vdc or 3.3Vdc VOLTAGE-CONTROLLED CRYSTAL OSCILLATORS
ACVX1222 ABRACON-ACVX1222 Datasheet
494Kb / 1P
TTL / CMOS FULL-SIZE DIP 5Vdc or 3.3Vdc VOLTAGE-CONTROLLED CRYSTAL OSCILLATORS
AHVX1025 ABRACON-AHVX1025 Datasheet
450Kb / 1P
TTL / CMOS HALF-SIZE DIP 5Vdc or 3.3Vdc VOLTAGE-CONTROLLED CRYSTAL OSCILLATORS
ASSO ABRACON-ASSO Datasheet
136Kb / 2P
5.0VDC or 3.3VDC 14 PIN DIP HCMOS/ TTL LOW EMI SPREAD SPECTRUM CRYSTAL CLOCK OSCILLATORS
Rev. 2.4 05/2003
logo
Oscilent Corporation
330-2.0M-5DN-TNC OSCILENT-330-2.0M-5DN-TNC Datasheet
140Kb / 3P
Metal Dip Full Size Clock Oscillators
logo
Abracon Corporation
ACT ABRACON-ACT_15 Datasheet
806Kb / 2P
TTL OUTPUT FULL SIZE DIP 5.0V CRYSTAL CLOCK OSCILLATOR
09.23.13
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com