Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APKG5012GD Datasheet(PDF) 4 Page - Abracon Corporation

Part # APKG5012GD
Description  Active GNSS Dual-Band Stacked Patch Antenna
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

APKG5012GD Datasheet(HTML) 4 Page - Abracon Corporation

  APKG5012GD Datasheet HTML 1Page - Abracon Corporation APKG5012GD Datasheet HTML 2Page - Abracon Corporation APKG5012GD Datasheet HTML 3Page - Abracon Corporation APKG5012GD Datasheet HTML 4Page - Abracon Corporation APKG5012GD Datasheet HTML 5Page - Abracon Corporation APKG5012GD Datasheet HTML 6Page - Abracon Corporation APKG5012GD Datasheet HTML 7Page - Abracon Corporation APKG5012GD Datasheet HTML 8Page - Abracon Corporation APKG5012GD Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Hidden Creek Ln Spicewood TX 78669
5101
Phone: 512-371-6159 | Fax: 512-351-8858
REVISED: 04-26-23
For terms and conditions of sales, please visit:
www.abracon.com
Active GNSS Dual-Band Stacked Patch Antenna
APKG5012GD
50 x 50 x 12 mm
RoHS N/A
MSL Level = N/A
Request Samples
Check Inventory
Parameter
Specification
Operating Temperature
-40oC to +85oC
Storage Temperature
-45oC to +85oC
RoHS Compliance
Yes
Relative Humidity
95% @ 65
°C
Parameter
Specification
Antenna Dimension
50 x 50 x 12 mm
Antenna Material
Dielectric Ceramics
Ground Material
1mm FR-4
Shield Cover
0.2mm Tinplate
RF Connector
SMA-J (M)
RF Cable
RG316,105mm
Environmental Specification
Mechanical Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com