Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SBT-90-R-F75-HN100 Datasheet(PDF) 8 Page - Luminus, Inc

Part # SBT-90-R-F75-HN100
Description  LEDs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

SBT-90-R-F75-HN100 Datasheet(HTML) 8 Page - Luminus, Inc

Back Button SBT-90-R-F75-HN100 Datasheet HTML 4Page - Luminus, Inc SBT-90-R-F75-HN100 Datasheet HTML 5Page - Luminus, Inc SBT-90-R-F75-HN100 Datasheet HTML 6Page - Luminus, Inc SBT-90-R-F75-HN100 Datasheet HTML 7Page - Luminus, Inc SBT-90-R-F75-HN100 Datasheet HTML 8Page - Luminus, Inc SBT-90-R-F75-HN100 Datasheet HTML 9Page - Luminus, Inc SBT-90-R-F75-HN100 Datasheet HTML 10Page - Luminus, Inc SBT-90-R-F75-HN100 Datasheet HTML 11Page - Luminus, Inc SBT-90-R-F75-HN100 Datasheet HTML 12Page - Luminus, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Note 1: Yellow squares indicate typical operating conditions.
Note 2: Median expected lifetime in dependence of junction temperature at 0.35 A/mm2 in continuous operation. Lifetime defined as time to 70% of
initial intensity. Based on lifetime test data of uncoated GaN devices at this time. Data can be used to model failure rate over typical product
lifetime (contact Luminus for lifetime reliability test data for 1 A/mm2 condition).
Note 3: Lumen maintenance in dependence of time at 0.35 A/mm2 in continuous operation with junction temperatures of 100°C. Lumen
maintenance calculation doesn’t consider open and short circuit failure modes into account.
Note 4: Typical spectrum at current density of 0.35 A/mm2 in continuous operation.
Luminus Devices, Inc. • T 408.708.7000 • www.luminus.com
1145 Sonora Court • Sunnyvale, CA 94086
8
PDS-001540 Rev 17
© 2022 Luminus Devices, Inc. - All Rights Reserved
SBT-90-W Optical Characteristics
SBT-90-R/W Product Datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com