Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA5147K Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA5147K
Description  12 V Voice Coil Motor VCM driver and spindle motor drive combination chip
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5147K Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA5147K Datasheet HTML 9Page - NXP Semiconductors TDA5147K Datasheet HTML 10Page - NXP Semiconductors TDA5147K Datasheet HTML 11Page - NXP Semiconductors TDA5147K Datasheet HTML 12Page - NXP Semiconductors TDA5147K Datasheet HTML 13Page - NXP Semiconductors TDA5147K Datasheet HTML 14Page - NXP Semiconductors TDA5147K Datasheet HTML 15Page - NXP Semiconductors TDA5147K Datasheet HTML 16Page - NXP Semiconductors TDA5147K Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
1996 Jul 26
13
Philips Semiconductors
Product specification
12 V Voice Coil Motor (VCM) driver and
spindle motor drive combination chip
TDA5147K
OPERATING CHARACTERISTICS
VCCA1 =5V; VCCS =VCCA2 =VCCV = 12 V; Tamb = 0 to 70 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VCCA1
analog supply voltage 1
4.5
5
5.5
V
VCCS
supply voltage for spindle
motor drivers
10.8
12
13.2
V
VCCV
supply voltage for VCM driver
10.8
12
13.2
V
VCCA2
analog supply voltage 2
10.8
12
13.2
V
Reference voltage; pin 38 (Vref(i))
Vref(i)
reference voltage input
1.75
−
2.75
V
Upper booster
CO
external output capacitor
connected between
BSTCP1 and BSTCP2
−
10
−
nF
CCP
charge pump capacitor
connected between
BSTFLT and ground
−
22
−
nF
Spindle low side; pin 15 (SPWMTC)
Csl
capacitor for spindle low side
−
220
−
pF
Rsl
resistor for spindle low side
−
68
−
k
Ω
Capacitors for PARK voltage supply; pins 19 and 51 (SHPWR3 and SHPWR2)
Cclamp
clamp capacitor
−
22
−µF
Digital PWM input; pin 30 (SIPWM)
VIH
HIGH level input voltage
3
5
5.5
V
VIL
LOW level input voltage
−0.3
0
2
V
Digital inputs of spindle decoder; pins 10, 11 and 14 (SCNTL1, 2 and 3)
VIH
HIGH level input voltage
see Table 1; VCCA1 = 5 V
3.5
−−
V
3-state level input; pin 3 (SMODE1)
Voh
3-state voltage level for current
sense in non PWM mode
0.75VCCA1
+ 150 mV
−−
V
ViZ
3-state voltage level for BEMF
sense and PWM switch control
see Table 1; state also
achieved with floating
input
0.25VCCA1
+ 150 mV
0.50VCCA1
0.75VCCA1
− 150 mV
V
Vol
3-state voltage level for BEMF
sense and linear control
−−
0.25VCCA1
− 150 mV
V
Control amplifier; pin 23 (SCOMP)
CSCOMP
control loop capacitor
−
47
−
nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com