Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASTC-01-2 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASTC-01-2
Description  SMT TOROID INDUCTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASTC-01-2 Datasheet(HTML) 1 Page - Abracon Corporation

  ASTC-01-2 Datasheet HTML 1Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMT TOROID INDUCTOR
SMT TOROID INDUCTOR
SMT TOROID INDUCTOR
ASTC-01 SERIES
|||||||||||||||
STANDARD SPECIFICATIONS:
PHYSICAL CHARACTERISTICS:
TECHNICAL INFORMATION:
• Inductance tolerance: add -M for ±20%
• L for ±15% (Optional)
• T for Tape & Reel
RoHS compliance effective 0526,
label on reel and box
Part
L (µH)
Full load
DCR Max
DC Bias
Number
± 20%
Inductance
Parallel
Parallel
(µH) Min
(mΩ)(A)
ASTC-01-1
0.42
0.31
6
5.50
ASTC-01-2
0.60
0.43
7
5.10
ASTC-01-3
1.07
0.73
8
4.50
ASTC-01-4
2.02
1.36
14
3.40
ASTC-01-5
4.83
3.37
41
2.00
ASTC-01-6
8.08
5.31
52
1.80
ASTC-01-7
9.62
6.23
57
1.70
ASTC-01-8
15.03
9.62
87
1.40
ASTC-01-9
20.46
14.12
159
1.00
ASTC-01-10
25.40
17.07
177
0.96
ASTC-01-11
32.33
22.27
251
0.80
ASTC-01-12
50.52
33.57
316
0.70
ASTC-01-13
68.40
43.65
373
0.66
ASTC-01-14
99.01
63.64
557
0.54
ASTC-01-15
150.72
96.64
844
0.44
ASTC-01-16
198.41
130.79
1208
0.36
ASTC-01-17
299.87
190.05
1525
0.32
Dimension: inch
ABRACON IS
ABRACON IS
ISO 9001 / QS 9000
ISO 9001 / QS 9000
CERTIFIED
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com


Similar Part No. - ASTC-01-2

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASTC-02 ABRACON-ASTC-02 Datasheet
146Kb / 1P
SMT TOROID INDUCTOR
ASTC-02-1 ABRACON-ASTC-02-1 Datasheet
146Kb / 1P
SMT TOROID INDUCTOR
ASTC-02-10 ABRACON-ASTC-02-10 Datasheet
146Kb / 1P
SMT TOROID INDUCTOR
ASTC-02-11 ABRACON-ASTC-02-11 Datasheet
146Kb / 1P
SMT TOROID INDUCTOR
ASTC-02-12 ABRACON-ASTC-02-12 Datasheet
146Kb / 1P
SMT TOROID INDUCTOR
More results

Similar Description - ASTC-01-2

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASTC-02 ABRACON-ASTC-02 Datasheet
146Kb / 1P
SMT TOROID INDUCTOR
ASTC-03 ABRACON-ASTC-03 Datasheet
146Kb / 1P
SMT TOROID INDUCTOR
ASTC-04 ABRACON-ASTC-04 Datasheet
148Kb / 1P
SMT TOROID INDUCTOR
logo
Rhombus Industries Inc.
L-696 RHOMBUS-IND-L-696 Datasheet
34Kb / 1P
Toroid Inductor
05/15/01
logo
XFMRS Inc.
XF0206-VM230 XFMRS-XF0206-VM230 Datasheet
36Kb / 1P
Toroid Inductor
2XF0025-VO XFMRS-2XF0025-VO_15 Datasheet
56Kb / 1P
TOROID INDUCTOR
2XF0250-VP XFMRS-2XF0250-VP_15 Datasheet
50Kb / 1P
TOROID INDUCTOR
2XF0500-VO XFMRS-2XF0500-VO_15 Datasheet
36Kb / 1P
TOROID INDUCTOR
XF2120-221K XFMRS-XF2120-221K Datasheet
39Kb / 1P
SMT HIGH CURRENT TOROID INDUCTOR
XF2120-390K XFMRS-XF2120-390K Datasheet
36Kb / 1P
SMT HIGH CURRENT TOROID INDUCTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com