Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASV Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASV
Description  3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASV Datasheet(HTML) 1 Page - Abracon Corporation

  ASV Datasheet HTML 1Page - Abracon Corporation ASV Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Frequency Range
ABRACON P/N
Operating Temperature
Storage Temperature
Overall Frequency Stability
Supply Voltage (Vdd)
Input Current
Symmetry
Rise time / Fall time (Tr/Tf)
Output Load
Output Voltage
Start-up Time
Tristate Function
Aging at 25°C/year
Period jitter one sigma
Disable Current
|||||||||||||||
ASV SERIES
• Clock signaling for μProcessors, PC Motherboards & Graphic
Cards
• High output drive capability (up to 50pf)
• Low profile, Leadless Chip Carrier (LCC)
• HCMOS/TTL Compatible, 3.3Vdc, 2.5Vdc, & 1.8Vdc options
• Reflow capable, Seam Sealed Package
1.000 MHz to 150.000 MHz
ASV Series
-10° C to + 70° C (see options)
- 55° C to + 125° C
± 100 ppm max. (see options)
3.3 Vdc ± 10% (see options)
See Table 1
40/60 % max.@ 1/2Vdd (see options)
See Table 1
15pF (5TTL) (see options)
VOH = 0.9 * Vdd min.; VOL = 0.4 Vdc max.
"1" (VIH >= 0.7*Vdd) or open: Oscillation
"0" (VIL < 0.3*Vdd) : Hi Z
10ms max.
±5ppm max.
± 25ps max.
15μA max.
7.0 x 5.0 x 1.8mm
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
APPLICATIONS:
FEATURES:
STANDARD SPECIFICATIONS:
3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
PARAMETERS
Table 1
Idd (max)
Tr/Tf (max)
10mA
10ns
30mA
10ns
45mA
10ns
50mA
5ns
Frequency
1.0 ~ 4.0MHz
4.01 ~ 32.0MHz
32.01~90.0MHz
90.01 ~ 150MHz
C
°
0
5
+
o
t
C
°
0
I
V
3
.
3
k
n
a
l
B
28
2.85V
D
-10°C to +60°C
E
V
5
.
2
5
2
-20°C to +70°C
F
V
8
.
1
8
1
-30°C to +70°C
N
-30°C to +85°C
L
-40°C to +85°C
Y
± 10 ppm
J
± 20 ppm
R
± 25 ppm
K
± 30 ppm
H
± 35 ppm
C
± 50 ppm
XX.XXXXMHz
Operating Temp.
Supply Voltage
ASV -
- Frequency -
-
-
-
-
Frequency
Freq. Stability
OPTIONS & PART IDENTIFICATION:
(Left blank if standard)
k
l
u
B
k
n
a
l
B
T
Tape & Reel (1k)
T5
Tape & Reel (500)
Blank
15pF
50
50pF
Packaging
45/55% @
1.4Vdd
Output Load
S
45/55% @
1/2Vdd
Symmetry
S1
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 07.11.07
Visit www.abracon.com for Terms & Conditions of Sale


Similar Part No. - ASV

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASV ABRACON-ASV Datasheet
202Kb / 2P
3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
02.25.08
ASV-32.000MHZ-E-T ABRACON-ASV-32.000MHZ-E-T Datasheet
881Kb / 2P
3.3Vdc HCMOS/SMD CRYSTAL CLOCK OSCILLATOR
07.06.10
ASV1 ABRACON-ASV1 Datasheet
364Kb / 2P
3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
07.12.07
ASV1 ABRACON-ASV1 Datasheet
893Kb / 2P
3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
12.14.07
ASV118XXDC ABRACON-ASV118XXDC Datasheet
227Kb / 1P
HCMOS/TTL COMPATIBLE VOLTAGE CONTROL CRYSTAL OSCILLATOR
More results

Similar Description - ASV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S1800 ETC1-S1800 Datasheet
114Kb / 2P
Crystal Clock Oscillator 3.3 & 5V, HCMOS, TTL, SMD
logo
Abracon Corporation
ASFL2 ABRACON-ASFL2 Datasheet
151Kb / 2P
2.5V HCMOS / TTL COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
4.26.07
ASFLV ABRACON-ASFLV Datasheet
157Kb / 2P
3.3Vdc HCMOS SMD VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
07.11.07
ASLV ABRACON-ASLV Datasheet
264Kb / 1P
5.0Vdc HCMOS/TTL COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
ASV1 ABRACON-ASV1 Datasheet
364Kb / 2P
3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
07.12.07
ASFL1 ABRACON-ASFL1_08 Datasheet
188Kb / 2P
3.3V HCMOS / TTL COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
1.05.08
ASFL2 ABRACON-ASFL2_08 Datasheet
188Kb / 2P
2.5V HCMOS / TTL COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
1.07.08
ASV ABRACON-ASV_08 Datasheet
202Kb / 2P
3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
02.25.08
ASV1 ABRACON-ASV1_07 Datasheet
893Kb / 2P
3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
12.14.07
ASV-32.000MHZ-E-T ABRACON-ASV-32.000MHZ-E-T Datasheet
881Kb / 2P
3.3Vdc HCMOS/SMD CRYSTAL CLOCK OSCILLATOR
07.06.10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com