Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA6402 Datasheet(PDF) 33 Page - NXP Semiconductors

Part # TDA6402
Description  5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6402 Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button TDA6402 Datasheet HTML 29Page - NXP Semiconductors TDA6402 Datasheet HTML 30Page - NXP Semiconductors TDA6402 Datasheet HTML 31Page - NXP Semiconductors TDA6402 Datasheet HTML 32Page - NXP Semiconductors TDA6402 Datasheet HTML 33Page - NXP Semiconductors TDA6402 Datasheet HTML 34Page - NXP Semiconductors TDA6402 Datasheet HTML 35Page - NXP Semiconductors TDA6402 Datasheet HTML 36Page - NXP Semiconductors TDA6402 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
2000 Jan 24
33
Philips Semiconductors
Product specification
5 V mixers/oscillators and synthesizers for
cable TV and VCR 2-band tuners
TDA6402; TDA6402A;
TDA6403; TDA6403A
Notes
1. The pin numbers in parenthesis represent the TDA6403 and TDA6403A.
2. Not applicable.
VHFOSCIB
22
7
1.8
note 2
VHFOSCOC
24
5
3.0
note 2
UHFOSCIB1
25
4
note 2
1.9
UHFOSCOC1
26
3
note 2
2.9
UHFOSCOC2
27
2
note 2
2.9
UHFOSCIB2
28
1
note 2
1.9
SYMBOL
PIN
DESCRIPTION(1)
AVERAGE DC VOLTAGE (V)
(measured in Fig.19)
TDA6402;
TDA6402A
TDA6403;
TDA6403A
VHF
UHF
MGE720
22
24
(7)
(5)
MGK825
25
26
28
27
(1)
(2)
(3)
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com