Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BAS21-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # BAS21-HF
Description  SMD Switching Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

BAS21-HF Datasheet(HTML) 2 Page - Comchip Technology

  BAS21-HF Datasheet HTML 1Page - Comchip Technology BAS21-HF Datasheet HTML 2Page - Comchip Technology BAS21-HF Datasheet HTML 3Page - Comchip Technology BAS21-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rating and Characteristic Curves (BAS21/A/C/S-HF)
Symbol
Parameter
Conditions
Min.
Max.
Unit
Electrical Characteristics (at Ta=25°C unless otherwise noted)
Forward voltage
V
1.00
IF = 100mA
Reverse leakage current
0.1
VR = 200V
Reverse voltage
IR = 100μA
Capacitance
VR = 0V, f = 1MHz
μA
Reverse recovery time
50
nS
IF = 200mA
V(BR)
IR
VF
CT
Trr
V
250
1.25
5
pF
IF = IR = 30mA, Irr = 0.1xIR, RL = 100Ω
Page 2
REV:A
QW-J0020
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
Fig.3 - Capacitance Characteristics
Reverse Voltage, VR (V)
Fig.4 - Power Derating Curve
Ambient Temperature, Ta (°C)
0
25
50
75
150
0
0
50
150
300
0.6
0.8
1.2
1.6
4
8
12
16
20
100
200
1.0
1.4
Ta=25°C
f=1MHz
100
125
250
Fig.2 - Reverse Characteristics
Reverse Voltage, VR (V)
0
200
80
160
10
1
40
120
100
1000
Ta=25°C
Ta=100°C
Fig.1 - Forward Characteristics
Forward
Voltage, VF (V)
0
0.01
10
100
1000
0.4
2.0
0.8
1.2
1.6
1
0.1
Ta=25°C
Ta=100°C
SMD Switching Diodes



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com