Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM2-THR1-F1-N1 Datasheet(PDF) 4 Page - Cree, Inc

Part # LM2-THR1-F1-N1
Description  SMD LED
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

LM2-THR1-F1-N1 Datasheet(HTML) 4 Page - Cree, Inc

  LM2-THR1-F1-N1 Datasheet HTML 1Page - Cree, Inc LM2-THR1-F1-N1 Datasheet HTML 2Page - Cree, Inc LM2-THR1-F1-N1 Datasheet HTML 3Page - Cree, Inc LM2-THR1-F1-N1 Datasheet HTML 4Page - Cree, Inc LM2-THR1-F1-N1 Datasheet HTML 5Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Copyright © 2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the
Cree logo are registered trademarks of Cree, Inc.

CLD-CT86.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Mechanical Dimensions
All dimensions are in mm.
Notes
RoHS Compliance
The levels of environmentally sensitive, persistent biologically toxic (PBT), persistent organic pollutants (POP), or
otherwise restricted materials in this product are below the maximum concentration values (also referred to as the
threshold limits) permitted for such substances, or are used in an exempted application, in accordance with EU Direc-
tive 2002/95/EC on the restriction of the use of certain hazardous substances in electrical and electronic equipment
(RoHS), as amended through April 21, 2006.
Vision Advisory Claim
Users should be cautioned not to stare at the light of this LED product. The bright light can damage the eye.
2/4
Format #: COTCO-D-074
REV.4
Document No.
SPE/LM2-THR1-F1-N1
Rev. No.
02
A
Apppplliiccaattiioonnss::
D
Diim
meennssiioonn D
Drraaw
wiinngg
- Traffic Light
- Backlighting(LCD,Switches,Keys,Displays,Illuminated
Advertising)
- Interior And Exterior Automotive Lighting(e.g. Dashboard
Backlight And Brake Lights)
- Substitution Of Micro Incandescent Lamps
- Marker Lights(e.g. Steps,Exit Ways,Etc.)
- Signal And Symbol Luminaire
A
Abbssoolluuttee M
Maaxxiim
muum
m R
Raattiinnggss aatt TTaa == 2255
°C
Items
Symbol
Absolute maximum
Rating
Unit
Forward Current
IF
70
mA
Peak Forward Current*
IFP
200
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
225
mW
Operation Temperature
Topr
-40 ~ + 100
°C
Storage Temperature
Tstg
-40 ~ + 100
°C
Junction temperature
Tj
+110
°C
Junction/ambient **
Rth JA
300
°C /W
Junction/solder point
Rth JS
150
°C /W
*pulse width <=0.1msec duty <=1/10 **
Rth test condition: Mounted on PC Board FR 4(pad size>=16mm2)
TTyyppiiccaall E
Elleeccttrriiccaall &
& O
Oppttiiccaall C
Chhaarraacctteerriissttiiccss (( TTaa == 2255
°C))
Items
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF =50mA
---
2.5
3.2
V
Reverse Current
IR
VR = 5V
---
---
10
A
Luminous Flux
V
IF = 50mA
---
2550
---
mlm
Luminous Intensity
IV
IF =50mA
1400
2200
---
mcd
Dominant Wavelength
D
IF =50mA
620
628
635
nm
50% Power Angle
2
½
IF = 50mA
---
60
---
deg



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com