Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM54HC161 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54HC161
Description  Synchronous Decade Counter with Asynchronous Clear
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54HC161 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  MM54HC161 Datasheet HTML 1Page - National Semiconductor (TI) MM54HC161 Datasheet HTML 2Page - National Semiconductor (TI) MM54HC161 Datasheet HTML 3Page - National Semiconductor (TI) MM54HC161 Datasheet HTML 4Page - National Semiconductor (TI) MM54HC161 Datasheet HTML 5Page - National Semiconductor (TI) MM54HC161 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AC Electrical Characteristics (Continued) CLe50 pF tretfe6 ns (unless otherwise specified)
TAe25 C
74HC
54HC
Symbol
Parameter
Conditions
VCC
TAeb40 to 85 CTAeb55 to 125 C Units
Typ
Guaranteed Limits
tH
Minimum Hold Time
20V
0
0
0
ns
Enable Load or Clear
45V
0
0
0
ns
to Clock
60V
0
0
0
ns
tW
Minimum Pulse Width
20V
80
100
120
ns
Clock Clear or
45V
16
20
24
ns
Load
60V
14
17
20
ns
tTLH tTHL Maximum
20V
40
75
95
110
ns
Output Rise and
45V
8
15
19
22
ns
Fall Time
60V
7
13
16
19
ns
tr tf
Maximum Input Rise and
20V
1000
1000
1000
ns
Fall Time
45V
500
500
500
ns
60V
400
400
400
ns
CPD
Power Dissipation
(per package)
90
pF
Capacitance (Note 5)
CIN
Maximum Input Capacitance
5
10
10
10
pF
Note 5
CPD determines the no load dynamic power consumption PDeCPD VCC2 faICC VCC and the no load dynamic current consumption
ISeCPD VCC faICC
Logic Diagrams
MM54HC160MM74HC160 or MM54HC162MM74HC162
TLF5008 – 2
MM54HC161MM74HC161 or MM54HC163MM74HC163
TLF5008 – 3
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com