Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP368PWN1-D0G Datasheet(PDF) 2 Page - Cree, Inc

Part # LP368PWN1-D0G
Description  P4 LED
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

LP368PWN1-D0G Datasheet(HTML) 2 Page - Cree, Inc

  LP368PWN1-D0G Datasheet HTML 1Page - Cree, Inc LP368PWN1-D0G Datasheet HTML 2Page - Cree, Inc LP368PWN1-D0G Datasheet HTML 3Page - Cree, Inc LP368PWN1-D0G Datasheet HTML 4Page - Cree, Inc LP368PWN1-D0G Datasheet HTML 5Page - Cree, Inc LP368PWN1-D0G Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Copyright © 2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the
Cree logo are registered trademarks of Cree, Inc.
2
CLD-CT23.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Standard Bins for LP368PWN-D0G (I
F = 30 mA)
Lamps are sorted to luminous intensity (I
V), VF and chromaticity coordinates (x,y) bins shown.
Orders for LP368PWN1-D0G may be filled with any or all bins contained as below.
All luminous intensity (I
V), VF and chromaticity coordinates (x,y) values shown and specified are at IF = 30 mA.
A1
A2
B1
B2
c
S or
above
R
Q
P
Rank
A1
A2
B1
Chromaticity
Coordinates
x
0.245
0.264
0.280
0.264
0.264
0.283
0.296
0.280
0.283
0.307
0.313
0.296
y
0.229
0.267
0.248
0.220
0.267
0.305
0.276
0.248
0.305
0.337
0.297
0.276
Rank
B2
c
Chromaticity
Coordinates
x
0.307
0.330
0.330
0.313
0.330
0.361
0.356
0.330
y
0.337
0.360
0.318
0.297
0.360
0.385
0.351
0.318
Forward Voltage (V
F)
Rank
V7
V8
V9
V10
V11
V12
V13
V14
Voltage
2.8-3.0 V
3.0-3.2 V
3.2-3.4 V
3.4-3.6 V
3.6-3.8 V
3.8-4.0 V
4.0-4.2 V
4.2-4.4 V
Important Notes:
All ranks will be included per delivery; rank ratio will be based on the dice distribution.
Pb content <1000 ppm.
Tolerance of measurement of luminous intensity is ±15%.
Tolerance of measurement of the chromaticity coordinates is ±0.01.
Tolerance of measurement of V
F is ±0.05 V.
Packaging methods are available for selection; please refer to the “Cree LED Lamp Packaging Standard” docu-
ment.
Please refer to the “Cree LED Lamp Reliability Test Standards” document for reliability test conditions.
Please refer to the “Cree LED Lamp Soldering & Handling” document for information about how to use this LED
product safely.
1.
2.
3.
4.
5.
6.
7.
8.
Chromaticity Coordinates (x,y)
770 mcd
550 mcd
390 mcd
280 mcd



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com