| Electronic Components Datasheet Search |
|
TDA8005G Datasheet(PDF) 13 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
TDA8005G Datasheet(HTML) 13 Page - NXP Semiconductors |
|
13 / 32 page ![]() 1996 Sep 25 13 Philips Semiconductors Product specification Low-power smart card coupler TDA8005 USE OF PERIPHERAL INTERFACE Write operation: Select the correct register with R/W, REG0, REG1. Write the word in the peripheral shift register (PSR) with DATA and STROBE. DATA is shifted on the rising edge of STROBE. 8 shifts are necessary. Give a negative pulse on ENABLE. The data is parallel loaded in the register on the falling edge of ENABLE. Read operation: Select the correct register with R/W, REG0 and REG1. Give a first negative pulse on ENABLE. The word is parallel loaded in the peripheral shift register on the rising edge of ENABLE. Give a second negative pulse on ENABLE for configuring the PSR in shift right mode. Read the word from PSR with DATA and STROBE. DATA is shifted on the rising edge of STROBE. 7 shifts are necessary. Table 3 Example of peripheral interface Notes 1. The new configuration is supposed to be in the accumulator. 2. The character will be in the accumulator. CHANGE OF CLOCK CONFIGURATION(1) READ CHARACTER ARRIVED IN UART RECEIVE(2) CLR REG0 CLR REG0 CLR REG1 CLR REG1 CLR R/W SET R/W MOV R2, #8 CLR ENABLE LOOP RRC A SET ENABLE MOV DATA C CLR ENABLE CLR STROBE SET ENABLE SET STROBE MOV R2, #8 DJNZ R2, LOOP LOOP MOV C, DATA CLR ENABLE RRC A SET ENABLE CLR STROBE SET DATA SET STROBE RET DJNZ R2, LOOP SET DATA RET |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |