Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA8006H/C1 Datasheet(PDF) 31 Page - NXP Semiconductors

Part # TDA8006H/C1
Description  Multiprotocol IC Card coupler
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8006H/C1 Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button TDA8006H/C1 Datasheet HTML 27Page - NXP Semiconductors TDA8006H/C1 Datasheet HTML 28Page - NXP Semiconductors TDA8006H/C1 Datasheet HTML 29Page - NXP Semiconductors TDA8006H/C1 Datasheet HTML 30Page - NXP Semiconductors TDA8006H/C1 Datasheet HTML 31Page - NXP Semiconductors TDA8006H/C1 Datasheet HTML 32Page - NXP Semiconductors TDA8006H/C1 Datasheet HTML 33Page - NXP Semiconductors TDA8006H/C1 Datasheet HTML 34Page - NXP Semiconductors TDA8006H/C1 Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
2000 Feb 21
31
Philips Semiconductors
Product specification
Multiprotocol IC Card coupler
TDA8006
Auxiliary card contacts (C4 and C8); note 5
Vo(C4,C8)
output voltage
inactive
no load
0
−
0.1
V
Io(C4,C8) =1mA
−−
0.3
V
Io(C4,C8)
output current
inactive and pin grounded
−−
−1mA
VOL
LOW-level output voltage
C4 or C8 configured as output;
IOL =1mA
0
−
0.3
V
VOH
HIGH-level output voltage
C4 or C8 and I/O configured as
output; IOH < −50 µA
0.8VCC
−
VCC + 0.25 V
VIL
LOW-level input voltage
C4 or C8 configured as input
−0.3
−
+0.8
V
VIH
HIGH-level input voltage
C4 or C8 configured as input
1.5
−
VCC
V
IIL
LOW-level input current
VIL =0V
−−
−600
µA
ILIH
HIGH-level input leakage
current
VIH =VCC
−−
20
µA
ti(r)
input rise time
CL =30pF
−−
1
µs
ti(f)
input fall time
CL =30pF
−−
1
µs
to(r)
output rise time
CL =30pF
−−
0.1
µs
to(f)
output fall time
CL =30pF
−−
0.1
µs
td
delay between falling edge on
P34 and C4 (or C4 and P34)
−−
200
ns
Rpu(int)
internal pull-up resistance
between C4 and VCC and
C8 and VCC
810
13
k
Ω
f(max)
maximum frequency on
C4 or C8
−−
1
MHz
Timing
tact
activation sequence duration
−−
225
µs
tde
deactivation sequence
duration
−−
100
µs
t3(start)
start of the window for sending
clock to the card
−−
130
µs
t5(end)
end of the window for sending
clock to the card
145
−−
µs
Output ports from extension (K0 to K3)
VOL
LOW-level output voltage
IOL =2mA
−−
0.4
V
VOH
HIGH-level output voltage
IOH = −2mA
VDD − 1
−−
V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com