Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA8006AH/C2 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA8006AH/C2
Description  Multiprotocol IC Card coupler
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8006AH/C2 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA8006AH/C2 Datasheet HTML 1Page - NXP Semiconductors TDA8006AH/C2 Datasheet HTML 2Page - NXP Semiconductors TDA8006AH/C2 Datasheet HTML 3Page - NXP Semiconductors TDA8006AH/C2 Datasheet HTML 4Page - NXP Semiconductors TDA8006AH/C2 Datasheet HTML 5Page - NXP Semiconductors TDA8006AH/C2 Datasheet HTML 6Page - NXP Semiconductors TDA8006AH/C2 Datasheet HTML 7Page - NXP Semiconductors TDA8006AH/C2 Datasheet HTML 8Page - NXP Semiconductors TDA8006AH/C2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
2000 Feb 21
4
Philips Semiconductors
Product specification
Multiprotocol IC Card coupler
TDA8006
BLOCK DIAGRAM
handbook, full pagewidth
MGR225
63, 64, 1 to 6
(43, 44, 1, 2)(2)
19 to 12
(11 to 8)(1)
58 (38)
59 (39)
60 (40)
53 (35)
54 (36)
TDA8006H
(TDA8006AH)
6
8
P40
to P47
MICROCONTROLLER
80C52
16-kbyte ROM
256-byte RAM
ANALOG
DRIVERS
AND
SEQUENCER
P20 to P27
P00 to P07
P30/RXD
P31/TXD
P33/INT1
P10/T2
P11/T2EX
23 (14)
VDDRAM
24 (15)
GNDRAM
43 (30)
CLKOUT
7 (3)
8 (4)
61 (41)
11 (7)
62 (42)
PSEN
52 (34)
RESET
44 (31)
CDELAY
45 (32)
ALARM
ALE
P36/WR
P37/RD
(22) 32
(26) 39
VUP
C8
(25) 38
C4
(17) 27
CLK
(16) 26
RST
(23) 36
VCC
(24) 37
I/O
(29) 42
PRES
XTAL2
9 (5)
K0 to K3
48 to 51(3)
XTAL1
10 (6)
SUPPLY
AND
SUPERVISOR
1024
AUX
RAM
PERIPHERALS
CLOCK CIRCUITRY
PORT EXTENSION
T = 0,1
ISO
UART
INTERNAL
OSCILLATOR
EA
INT0
STEP-UP
CONVERTER
C4
GND
S1
S2
P34
C8
I/O
OFF
3 V/5 V
CMDVCC
P35
VDD
100 nF
100 nF
100 nF
31
(21)
29 (19)
41(28) 40 (27)
AGND
VDDA
30
(20)
28 (18)
Fig.1 Block diagram.
Minimum value for capacitor between VDDA and AGND is 2.2 µF.
Pin numbers in parenthesis represent the TDA8006AH.
(1) Ports P04 to P07 not applicable for QFP44 package.
(2) Ports P24 to P27 not applicable for QFP44 package.
(3) Ports K0 to K3 not applicable for QFP44 package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com