Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

24C04A-E/P Datasheet(PDF) 3 Page - Microchip Technology

Part # 24C04A-E/P
Description  4K 5.0V I 2 C ??Serial EEPROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24C04A-E/P Datasheet(HTML) 3 Page - Microchip Technology

  24C04A-E/P Datasheet HTML 1Page - Microchip Technology 24C04A-E/P Datasheet HTML 2Page - Microchip Technology 24C04A-E/P Datasheet HTML 3Page - Microchip Technology 24C04A-E/P Datasheet HTML 4Page - Microchip Technology 24C04A-E/P Datasheet HTML 5Page - Microchip Technology 24C04A-E/P Datasheet HTML 6Page - Microchip Technology 24C04A-E/P Datasheet HTML 7Page - Microchip Technology 24C04A-E/P Datasheet HTML 8Page - Microchip Technology 24C04A-E/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
 2004 Microchip Technology Inc.
DS11183F-page 3
24C04A
TABLE 1-3:
AC CHARACTERISTICS
FIGURE 1-2:
BUS TIMING DATA
Parameter
Symbol
Min.
Typ
Max.
Units
Remarks
Clock frequency
FCLK
——
100
kHz
Clock high time
THIGH
4000
—
—
ns
Clock low time
TLOW
4700
—
—
ns
SDA and SCL rise time
TR
—
—
1000
ns
SDA and SCL fall time
TF
——
300
ns
START condition hold time
THD:STA
4000
—
—
ns
After this period the first
clock pulse is generated
START condition setup time
TSU:STA
4700
—
—
ns
Only relevant for repeated
START condition
Data input hold time
THD:DAT
0—
—
ns
Data input setup time
TSU:DAT
250
—
—
ns
Data output delay time
TAA
300
—
3500
(Note 1)
STOP condition setup time
TSU:STO
4700
—
—
ns
Bus free time
TBUF
4700
—
—
ns
Time the bus must be free
before a new transmission
can start
Input filter time constant
(SDA and SCL pins)
TI
——
100
ns
Program cycle time
TWC
—
.4
1
ms
Byte mode
.4N
N
ms
Page mode, N=# of bytes
Endurance
—
1M
—
—
cycles
25°C, Vcc = 5.0V, Block
Mode (Note 2)
Note 1: As transmitter the device must provide this internal minimum delay time to bridge the undefined region (min-
imum 300 ns) of the falling edge of SCL to avoid unintended generation of START or STOP conditions.
2: This parameter is not tested but guaranteed by characterization. For endurance estimates in a specific appli-
cation, please consult the Total Endurance Model which can be obtained on our website.
TSU:STA
TF
TLOW
THIGH
TR
THD:DAT
TSU:DAT
TSU:STO
THD:STA
TBUF
TAA
TAA
TSP
THD:STA
SCL
SDA
IN
SDA
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14