Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP23016-I/SS Datasheet(PDF) 25 Page - Microchip Technology

Part # MCP23016-I/SS
Description  16-Bit I2C??I/O Expander
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23016-I/SS Datasheet(HTML) 25 Page - Microchip Technology

Back Button MCP23016-I/SS Datasheet HTML 21Page - Microchip Technology MCP23016-I/SS Datasheet HTML 22Page - Microchip Technology MCP23016-I/SS Datasheet HTML 23Page - Microchip Technology MCP23016-I/SS Datasheet HTML 24Page - Microchip Technology MCP23016-I/SS Datasheet HTML 25Page - Microchip Technology MCP23016-I/SS Datasheet HTML 26Page - Microchip Technology MCP23016-I/SS Datasheet HTML 27Page - Microchip Technology MCP23016-I/SS Datasheet HTML 28Page - Microchip Technology MCP23016-I/SS Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
© 2007 Microchip Technology Inc.
DS20090C-page 25
MCP23016
TABLE 2-7:
GP0 AND GP1 TIMING REQUIREMENTS
Param
No.
Symbol
Characteristic
Min
Typ.
Max
Units
Conditions
tGPV0
GP0 output data
valid time
—40
—
µs
TP = 1 MHz
tGPV1
GP1 output data
valid time
—50
—
µs
tRDd0
GP0 data read
delay time
—40
—
µs
tRDd1
GP1 data read
delay time
—50
—
µs
tISD0
GP0 Interrupt set
delay time
—
—
200
µs
IARES = 1, TP = 1 MHz
—
—
32
ms
IARES = 0, TP = 1 MHz
tISD1
GP1 Interrupt set
delay time
—
—
200
µs
IARES = 1, TP = 1 MHz
—
—
32
ms
IARES = 0, TP = 1 MHz
tLCD0
GP0 Interrupt clear
delay time (for
read)
—100
—
µs
TP = 1 MHz
tLCD1
GP1 Interrupt clear
delay time (for
read)
—100
—
µs
Note 1:
These parameters are characterized but not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com