Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3202-CI/P Datasheet(PDF) 23 Page - Microchip Technology

Part # MCP3202-CI/P
Description  2.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3202-CI/P Datasheet(HTML) 23 Page - Microchip Technology

Back Button MCP3202-CI/P Datasheet HTML 19Page - Microchip Technology MCP3202-CI/P Datasheet HTML 20Page - Microchip Technology MCP3202-CI/P Datasheet HTML 21Page - Microchip Technology MCP3202-CI/P Datasheet HTML 22Page - Microchip Technology MCP3202-CI/P Datasheet HTML 23Page - Microchip Technology MCP3202-CI/P Datasheet HTML 24Page - Microchip Technology MCP3202-CI/P Datasheet HTML 25Page - Microchip Technology MCP3202-CI/P Datasheet HTML 26Page - Microchip Technology MCP3202-CI/P Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
© 2001 Microchip Technology Inc.
DS21034C-page 23
MCP3202
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
PART NO.
X
/XX
Package
Performance
Grade
Device
Device:
MCP3202:
12-Bit Serial A/d Converter
MCP3202T:
12-Bit Serial A/D Converter (Tape and Reel)
(SOIC, MSOP and TSSOP package only)
Performance Grade:
B
= ±1 LSB INL (TSSOP not available)
C= ±2 LSB INL
Temperature Range:
I
=
-40°C to +85°C
Package:
MS = Plastic Micro Small Outline (MSOP), 8-Lead
P
= Plastic DIP (300 mil Body), 8-Lead
SN = Plastic SOIC (150 mil Body), 8-Lead
ST
= TSSOP (4.4 mm Body), 8-Lead (C Grade only)
Examples:
a)
MCP3202-I/MS: = Industrial temperature,
MSOP package.
b)
MCP3202-BI/P: = B Performance grade,
industrial temp., PDIP package
c)
MCP3202-CI/SN: = C Performance grade,
industrial temp., SOIC package
d)
MCP3202T-BI/SN: = Tape and Reel, B Per-
formance grade, industrial temp., SOIC
package
a)
MCP3202T-CI/ST: = Tape and Reel, C Per-
formance grade, industrial temp., TSSOP
package.
X
Temperature
Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com