Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

93C86-E/P Datasheet(PDF) 8 Page - Microchip Technology

Part # 93C86-E/P
Description  8K/16K 5.0V Microwire Serial EEPROM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93C86-E/P Datasheet(HTML) 8 Page - Microchip Technology

Back Button 93C86-E/P Datasheet HTML 4Page - Microchip Technology 93C86-E/P Datasheet HTML 5Page - Microchip Technology 93C86-E/P Datasheet HTML 6Page - Microchip Technology 93C86-E/P Datasheet HTML 7Page - Microchip Technology 93C86-E/P Datasheet HTML 8Page - Microchip Technology 93C86-E/P Datasheet HTML 9Page - Microchip Technology 93C86-E/P Datasheet HTML 10Page - Microchip Technology 93C86-E/P Datasheet HTML 11Page - Microchip Technology 93C86-E/P Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
93C76/86
DS21132E-page 8
 2004 Microchip Technology Inc.
FIGURE 3-4:
EWDS
FIGURE 3-5:
WRITE
FIGURE 3-6:
WRAL
10
0
0
0
x
x
...
CS
CLK
DI
TCSL
ORG = VCC, 8 X’s
ORG = VSS, 9 X’S
101
AN
A0
...
DN
...
D0
TWC
Ready
Busy
High-impedance
CS
CLK
DI
DO
Standby
TCZ
Ensure at Vcc = +4.5V to +5.5V.
10
00
1
x
...
x
DN
...
D0
Busy
Ready
High-impedance
Standby
CS
CLK
DI
DO
ORG = VCC, 8 X’s
ORG = VSS, 9 X’s
TWL
TCZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com