Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

24C32AT-I/P Datasheet(PDF) 3 Page - Microchip Technology

Part # 24C32AT-I/P
Description  32K 5.0V I2CSerial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24C32AT-I/P Datasheet(HTML) 3 Page - Microchip Technology

  24C32AT-I/P Datasheet HTML 1Page - Microchip Technology 24C32AT-I/P Datasheet HTML 2Page - Microchip Technology 24C32AT-I/P Datasheet HTML 3Page - Microchip Technology 24C32AT-I/P Datasheet HTML 4Page - Microchip Technology 24C32AT-I/P Datasheet HTML 5Page - Microchip Technology 24C32AT-I/P Datasheet HTML 6Page - Microchip Technology 24C32AT-I/P Datasheet HTML 7Page - Microchip Technology 24C32AT-I/P Datasheet HTML 8Page - Microchip Technology 24C32AT-I/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
 2004 Microchip Technology Inc.
DS21163E-page 3
24C32A
TABLE 1-3:
AC CHARACTERISTICS
FIGURE 1-2:
BUS TIMING DATA
Parameter
Symbol
Vcc = 4.5-5.5
Units
Remarks
Min
Max
Clock frequency
FCLK
—100
kHz
Clock high time
THIGH
4000
—
ns
Clock low time
TLOW
4700
—
ns
SDA and SCL rise time
TR
—
1000
ns
(Note 1)
SDA and SCL fall time
TF
—
300
ns
(Note 1)
START condition hold time
THD:STA
4000
—
ns
After this period the first clock
pulse is generated
START condition setup time
TSU:STA
4700
—
ns
Only relevant for repeated
START condition
Data input hold time
THD:DAT
0—
ns
Data input setup time
TSU:DAT
250
—
ns
STOP condition setup time
TSU:STO
4000
—
ns
Output valid from clock
TAA
—
3500
ns
(Note 2)
Bus free time
TBUF
4700
—
ns
Time the bus must be free before
a new transmission can start
Output fall time from VIH min to
VIL max
TOF
—
250
ns
(Note 1), CB
≤ 100 pF
Input filter spike suppression
(SDA and SCL pins)
TSP
—
50
ns
(Note 3)
Write cycle time
TWR
—5
ms
Endurance
—
1M
—
cycles
25°C, Vcc = 5.0V, Block Mode
(Note 4)
Note 1: Not 100% tested. CB = Total capacitance of one bus line in pF.
2: As a transmitter, the device must provide an internal minimum delay time to bridge the undefined region
(minimum 300 ns) of the falling edge of SCL to avoid unintended generation of START or STOP conditions.
3: The combined TSP and VHYS specifications are due to Schmitt trigger inputs which provide improved noise
and spike suppression. This eliminates the need for a Ti specification for standard operation.
4: This parameter is not tested but guaranteed by characterization. For endurance estimates in a specific appli-
cation, please consult the Total Endurance Model which can be obtained on our website.
SCL
SDA
IN
SDA
OUT
THD:STA
TSU:STA
TF
THIGH
TR
TSU:STO
TSU:DAT
THD:DAT
TBUF
TAA
THD:STA
TAA
TSP
TLOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com