Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IPT-1005 Datasheet(PDF) 2 Page - ice Components, Ins.

Part # IPT-1005
Description  IC Reference Design Transformers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICE [ice Components, Ins.]
Direct Link  http://www.icecomponents.com
Logo ICE - ice Components, Ins.

IPT-1005 Datasheet(HTML) 2 Page - ice Components, Ins.

  IPT-1005 Datasheet HTML 1Page - ice Components, Ins. IPT-1005 Datasheet HTML 2Page - ice Components, Ins.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IPT Series
IC Reference Design Transformers
Specifications subject to change without notice.
IPT-2 (04/07)
Power Integrations
IC P/N
App Note
Power
Output
Input
ICE Part No.
LNK500
Design Idea DI-58
1.5W
5.5V
85-265Vac
IPT-5001
LNK500
Design Idea DI-59
2.5W
5.5V
85-265Vac
IPT-5002
LNK501
Design Idea DI-18
2.75W
5.5V
85-265Vac
IPT-5003
LNK501
Design Idea DI-19
1.5W
5.5V
85-265Vac
IPT-5004
LNK501
Design Idea DI-60
2.5W
5.5V
85-265Vac
IPT-5005
TNY254
Design Idea DI-27
3W
12V
85-265Vac
IPT-5006
TNY264P
Design Idea DI-28
3W
5V
85-265Vac
IPT-5008
TNY264P
Design Idea DI-61
3W
5V
85-265Vac
IPT-5009
TNY264P
Design Idea DI-62
3W
5V
85-265Vac
IPT-5010
TNY268P
Design Idea DI-33
11 W
3.3V, 5V, +/-12V
85-265Vac
IPT-5013
TOP221P
Design Idea DI-3
100mW
5.1V
85-265Vac
IPT-5014
TOP232Y
Design Idea DI-10
17W
3.3V, 5V
200-375Vdc
IPT-5015
TOP242Y
Design Idea DI-17
17W
3.3V, 5V
200-375Vdc
IPT-5017
TOP243P
Design Idea DI-23
10W
3.3V, 5V, 30V
85-265Vac
IPT-5018
TOP244P
Design Idea DI-12
16W
13.55V
85-265Vac
IPT-5019
TOP244P
Design Idea DI-39
13 W
3.3V, 5V, +/-12V
85-265Vac
IPT-5020
TOP244Y
Design Idea DI-43
30W
12V
85-265Vac
IPT-5021
TOP245P
Design Idea DI-55
20W
3.3V, 5V, 12V, -24V
85-265Vac
IPT-5022
TOP246F
Design Idea DI-67
17.6W
16-24V
108-132Vac
IPT-5023
TOP247Y
Design Idea DI-21
45W
12V
90-265Vac
IPT-5025
TOP247Y
Design Idea DI-41
43W
3.3V, 5V, 12V, 18V, 33V
90-132Vac
IPT-5026
TOP249Y
Design Idea DI-22
70W
19V
85-265Vac
IPT-5027
TOP264Y/F
Design Idea DI-66
45W
5V, 12V
90-265Vac
IPT-5030
TNY263P
Design Idea DI-77
3W
9V
85-265Vac
IPT-5031
LNK564P
Evaluation Report EPR-85
2W
6V
85-265Vac
IPT-5032
LNK362P
Design Idea DI-89
2W
6.2V
85-265Vac
IPT-5033
TNY279
Evaluation Report EPR-91
12W
12V
85-265Vac
IPT-5034
TOP245Y
Evaluation Report EPR-34
30W
12V
85-265Vac
IPT-5036
ST Microelectronics
IC P/N
App Note
Power
Output
Input
ICE Part No.
L6590
Datasheet
15W
5V
200-375Vdc
IPT-6005
VIPer12A
AN 1347
5W
5V
85-264Vac
IPT-6017
VIPer12A
AN 1734
6W
24V
85-264Vac
IPT-6023
VIPer20
AN 1074
6W
5V
120-375Vdc
IPT-6025
VIPer20A
AN 1246
6W
12V
110-375Vdc
IPT-6026
VIPer22A
AN 1585
15W
5V, 12V
100-380Vdc
IPT-6027
VIPer22A
AN 1735
10W
5V
90-264Vac
IPT-6030
VIPer53
AN 1865
60W
6.5V, 13V, 105/115V
185-265Vac
IPT-6041
VIPer22A
AN 1897
11W
3.3V, 5V, +/-12V, -26V, 5Vst
85-265Vac
IPT-6043



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com