Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

24LCS52T-I/SN Datasheet(PDF) 21 Page - Microchip Technology

Part # 24LCS52T-I/SN
Description  2K 2.2V I2C??Serial EEPROM with Software Write-Protect
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LCS52T-I/SN Datasheet(HTML) 21 Page - Microchip Technology

Back Button 24LCS52T-I/SN Datasheet HTML 17Page - Microchip Technology 24LCS52T-I/SN Datasheet HTML 18Page - Microchip Technology 24LCS52T-I/SN Datasheet HTML 19Page - Microchip Technology 24LCS52T-I/SN Datasheet HTML 20Page - Microchip Technology 24LCS52T-I/SN Datasheet HTML 21Page - Microchip Technology 24LCS52T-I/SN Datasheet HTML 22Page - Microchip Technology 24LCS52T-I/SN Datasheet HTML 23Page - Microchip Technology 24LCS52T-I/SN Datasheet HTML 24Page - Microchip Technology 24LCS52T-I/SN Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
© 2005 Microchip Technology Inc.
DS21166J-page 21
24AA52/24LCS52
APPENDIX A:
REVISION HISTORY
Revision G
Added 2.2V to document; Revised Features section to
include Standard and Pb-free finishes.
Corrections to Section 1.0, Electrical Characteristics;
Product ID System, added lead finish info.
Revision H
Added Reset Software Write-Protect feature.
Added 2x3 DFN package option.
Revision J
Revised Sections 6.3 and 8.4. Revised DFN Package
Drawing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com