Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2510T-/P Datasheet(PDF) 75 Page - Microchip Technology

Part # MCP2510T-/P
Description  Stand-Alone CAN Controller with SPI??Interface
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2510T-/P Datasheet(HTML) 75 Page - Microchip Technology

Back Button MCP2510T-/P Datasheet HTML 71Page - Microchip Technology MCP2510T-/P Datasheet HTML 72Page - Microchip Technology MCP2510T-/P Datasheet HTML 73Page - Microchip Technology MCP2510T-/P Datasheet HTML 74Page - Microchip Technology MCP2510T-/P Datasheet HTML 75Page - Microchip Technology MCP2510T-/P Datasheet HTML 76Page - Microchip Technology MCP2510T-/P Datasheet HTML 77Page - Microchip Technology MCP2510T-/P Datasheet HTML 78Page - Microchip Technology MCP2510T-/P Datasheet HTML 79Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 80 page
background image
© 2007 Microchip Technology Inc.
DS21291F-page 75
MCP2510
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device:
MCP2510:
CAN Controller w/SPI Interface
MCP2510T:
CAN Controller w/SPI Interface
(Tape and Reel)
Temperature Range:
-
= -40°C to +85°C
E
= -40°C to +125°C
Package:
P
= Plastic DIP (300 mil Body), 18-Lead
SO = Plastic SOIC (300 mil Body), 18-Lead
ST
= TSSOP, (4.4 mm Body), 20-Lead
Examples:
a)
MCP2510-E/P:
Extended
temperature,
PDIP package.
b)
MCP2510-I/P:
Industrial
temperature,
PDIP package.
c)
MCP2510-E/SO:
Extended
temperature,
SOIC package.
d)
MCP2510-I/SO:
Industrial
temperature,
SOIC package.
e)
MCP2510-I/SO:
Tape and Reel, Industrial
temperature, SOIC package.
f)
MCP2510I/ST:
Industrial
temperature,
TSSOP package.
g)
MCP2510T-I/ST:
Tape and Reel, Industrial
temperature, TSSOP package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com