Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC1014 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC1014
Description  50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and Reference Bypass
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1014 Datasheet(HTML) 1 Page - Microchip Technology

  TC1014_07 Datasheet HTML 1Page - Microchip Technology TC1014_07 Datasheet HTML 2Page - Microchip Technology TC1014_07 Datasheet HTML 3Page - Microchip Technology TC1014_07 Datasheet HTML 4Page - Microchip Technology TC1014_07 Datasheet HTML 5Page - Microchip Technology TC1014_07 Datasheet HTML 6Page - Microchip Technology TC1014_07 Datasheet HTML 7Page - Microchip Technology TC1014_07 Datasheet HTML 8Page - Microchip Technology TC1014_07 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
© 2007 Microchip Technology Inc.
DS21335E-page 1
TC1014/TC1015/TC1185
Features:
• Low Supply Current (50 µA, typical)
• Low Dropout Voltage
• Choice of 50 mA (TC1014), 100 mA (TC1015)
and 150 mA (TC1185) Output
• High Output Voltage Accuracy
• Standard or Custom Output Voltages
• Power-Saving Shutdown Mode
• Reference Bypass Input for Ultra Low-Noise
Operation
• Overcurrent and Overtemperature Protection
• Space-Saving 5-Pin SOT-23 Package
• Pin-Compatible Upgrades for Bipolar Regulators
• Standard Output Voltage Options:
- 1.8V, 2.5V, 2.6V, 2.7V, 2.8V, 2.85V, 3.0V,
3.3V, 3.6V, 4.0V, 5.0V
Applications:
• Battery-Operated Systems
• Portable Computers
• Medical Instruments
• Instrumentation
• Cellular/GSM/PHS Phones
• Linear Post-Regulator for SMPS
• Pagers
Typical Application
General Description
The TC1014/TC1015/TC1185 are high accuracy
(typically ±0.5%) CMOS upgrades for older (bipolar)
Low Dropout Regulators (LDOs) such as the LP2980.
Designed specifically for battery-operated systems, the
devices’ CMOS construction eliminates wasted ground
current, significantly extending battery life. Total supply
current is typically 50 µA at full load (20 to 60 times
lower than in bipolar regulators).
The devices’ key features include ultra low-noise
operation (plus optional Bypass input), fast response to
step changes in load, and very low dropout voltage,
typically 85 mV (TC1014), 180 mV (TC1015), and
270 mV (TC1185) at full-load. Supply current is
reduced to 0.5 µA (max) and VOUT falls to zero when
the shutdown input is low. The devices incorporate both
overtemperature and overcurrent protection.
The TC1014/TC1015/TC1185 are stable with an output
capacitor of only 1 µF and have a maximum output
current of 50 mA, 100 mA and 150 mA, respectively.
For higher output current regulators, please see the
TC1107 (DS21356), TC1108 (DS21357), TC1173
(DS21362) (IOUT = 300 mA) data sheets.
Package Type
TC1014
TC1015
TC1185
VOUT
SHDN
GND
Bypass
470 pF
Reference
Bypass Cap
(Optional)
1µF
+
VIN
VIN
VOUT
1
5
2
4
3
Shutdown Control
(from Power Control Logic)
Bypass
SHDN
5
5-Pin SOT-23
TC1014
TC1015
TC1185
13
4
2
VIN
VOUT
GND
50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown
and Reference Bypass


Similar Part No. - TC1014_07

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1014-2.5VCT TELCOM-TC1014-2.5VCT Datasheet
109Kb / 10P
50mA CMOS LDO WITH SHUTDOWN AND REFERENCE BYPASS
TC1014-2.7VCT TELCOM-TC1014-2.7VCT Datasheet
109Kb / 10P
50mA CMOS LDO WITH SHUTDOWN AND REFERENCE BYPASS
TC1014-3.0VCT TELCOM-TC1014-3.0VCT Datasheet
109Kb / 10P
50mA CMOS LDO WITH SHUTDOWN AND REFERENCE BYPASS
TC1014-3.3VCT TELCOM-TC1014-3.3VCT Datasheet
109Kb / 10P
50mA CMOS LDO WITH SHUTDOWN AND REFERENCE BYPASS
TC1014-5.0VCT TELCOM-TC1014-5.0VCT Datasheet
109Kb / 10P
50mA CMOS LDO WITH SHUTDOWN AND REFERENCE BYPASS
More results

Similar Description - TC1014_07

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC2014 MICROCHIP-TC2014 Datasheet
362Kb / 18P
50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
2003
TC2014 MICROCHIP-TC2014_06 Datasheet
894Kb / 20P
50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
2006
TC2054 MICROCHIP-TC2054_06 Datasheet
943Kb / 18P
50 mA, 100 mA, and 150 mA CMOS LDOs with Shutdown and Error Output
2006
TC1054 MICROCHIP-TC1054_07 Datasheet
389Kb / 18P
50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and ERROR Output
2007
TC2054 MICROCHIP-TC2054_09 Datasheet
442Kb / 22P
50 mA, 100 mA, and 150 mA CMOS LDOs with Shutdown and Error Output
2009
TC2014 MICROCHIP-TC2014_13 Datasheet
371Kb / 20P
50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
2001-2012 11/29/12
TC1054 MICROCHIP-TC1054_12 Datasheet
456Kb / 20P
50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and ERROR Output
11/29/12
TC2015-50VCTTR MICROCHIP-TC2015-50VCTTR Datasheet
827Kb / 20P
50 mA, 100 mA, 150 mA CMOS LDOs with
02/16/06
TC2185-50VCTTR MICROCHIP-TC2185-50VCTTR Datasheet
827Kb / 20P
50 mA, 100 mA, 150 mA CMOS LDOs with
02/16/06
TC2185-3.3VCTTR MICROCHIP-TC2185-3.3VCTTR Datasheet
897Kb / 20P
50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
02/16/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com