Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2510T-/ST Datasheet(PDF) 26 Page - Microchip Technology

Part # MCP2510T-/ST
Description  Stand-Alone CAN Controller with SPI??Interface
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2510T-/ST Datasheet(HTML) 26 Page - Microchip Technology

Back Button MCP2510T-/ST Datasheet HTML 22Page - Microchip Technology MCP2510T-/ST Datasheet HTML 23Page - Microchip Technology MCP2510T-/ST Datasheet HTML 24Page - Microchip Technology MCP2510T-/ST Datasheet HTML 25Page - Microchip Technology MCP2510T-/ST Datasheet HTML 26Page - Microchip Technology MCP2510T-/ST Datasheet HTML 27Page - Microchip Technology MCP2510T-/ST Datasheet HTML 28Page - Microchip Technology MCP2510T-/ST Datasheet HTML 29Page - Microchip Technology MCP2510T-/ST Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 80 page
background image
MCP2510
DS21291F-page 26
© 2007 Microchip Technology Inc.
REGISTER 4-3:
BFPCTRL - RXNBF PIN CONTROL AND STATUS REGISTER
(ADDRESS: 0Ch)
REGISTER 4-4:
RXBNSIDH - RECEIVE BUFFER N STANDARD IDENTIFIER HIGH
(ADDRESS: 61h, 71h)
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
B1BFS
B0BFS
B1BFE
B0BFE
B1BFM
B0BFM
bit 7
bit 0
bit 7
Unimplemented: Read as '0'
bit 6
Unimplemented: Read as '0'
bit 5
B1BFS: RX1BF Pin State (digital output mode only)
- Reads as ‘0’ when RX1BF is configured as interrupt pin
bit 4
B0BFS: RX0BF Pin State (digital output mode only)
- Reads as ‘0’ when RX0BF is configured as interrupt pin
bit 3
B1BFE: RX1BF Pin Function Enable
1
= Pin function enabled, operation mode determined by B1BFM bit
0
= Pin function disabled, pin goes to high impedance state
bit 2
B0BFE: RX0BF Pin Function Enable
1
= Pin function enabled, operation mode determined by B0BFM bit
0
= Pin Function disabled, pin goes to high impedance state
bit 1
B1BFM: RX1BF Pin Operation Mode
1
= Pin is used as interrupt when valid message loaded into RXB1
0
= Digital output mode
bit 0
B0BFM: RX0BF Pin Operation Mode
1
= Pin is used as interrupt when valid message loaded into RXB0
0
= Digital output mode
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
’1’ = Bit is set
’0’ = Bit is cleared
x = Bit is unknown
R-x
R-x
R-x
R-x
R-x
R-x
R-x
R-x
SID10
SID9SID8SID7SID6SID5SID4SID3
bit 7
bit 0
bit 7-0
SID<10:3>: Standard Identifier Bits <10:3>
These bits contain the eight most significant bits of the Standard Identifier for the received mes-
sage
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
’1’ = Bit is set
’0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com