Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC110 Datasheet(PDF) 4 Page - Microchip Technology

Part # TC110
Description  PFM/PWM Step-Up DC/DC Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC110 Datasheet(HTML) 4 Page - Microchip Technology

  TC110 Datasheet HTML 1Page - Microchip Technology TC110 Datasheet HTML 2Page - Microchip Technology TC110 Datasheet HTML 3Page - Microchip Technology TC110 Datasheet HTML 4Page - Microchip Technology TC110 Datasheet HTML 5Page - Microchip Technology TC110 Datasheet HTML 6Page - Microchip Technology TC110 Datasheet HTML 7Page - Microchip Technology TC110 Datasheet HTML 8Page - Microchip Technology TC110 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
TC110
DS21355B-page 4
© 2002 Microchip Technology Inc.
3.0
DETAILED DESCRIPTION
The TC110 is a PFM/PWM step-up DC/DC controller
for use in systems operating from two or more cells, or
in low voltage, line-powered applications. It uses PWM
as the primary modulation scheme, but automatically
converts to PFM at output duty cycles less than
approximately 25%. The conversion to PFM provides
reduced supply current, and therefore higher operating
efficiency at low loads. The TC110 uses an external
switching transistor, allowing construction of switching
regulators with maximum output currents of 300mA.
The TC110 consumes only 70
µA, typical, of supply
current and can be placed in a 0.5
µA shutdown mode
by bringing the shutdown input (SHDN) low. The
regulator remains disabled while in shutdown mode,
and normal operation resumes when SHDN is brought
high. Other features include start-up at VIN = 0.9V and
an externally programmable soft start time.
3.1
Operating Mode
The TC110 is powered by the voltage present on the
VDD input. The applications circuits of Figure 3-1 and
Figure 3-2 show operation in the bootstrapped and
non-bootstrapped modes. In bootstrapped mode, the
TC110 is powered from the output (start-up voltage is
supplied by VIN through the inductor and Schottky
diode while Q1 is off). In bootstrapped mode, the
switching transistor is turned on harder because its
gate voltage is higher (due to the boost action of the
regulator), resulting in higher output current capacity.
The TC110 is powered from the input supply in the non-
bootstrapped mode. In this mode, the supply current to
the TC110 is minimized. However, the drive applied to
the gate of the switching transistor swings from the
input supply level to ground, so the transistor’s ON
resistance increases at low input voltages. Overall
efficiency is increased since supply current is reduced,
and less energy is consumed charging and discharging
the gate of the MOSFET. While the TC110 is guaran-
teed to start up at 0.9V the device performs to
specifications at 2.0V and higher.
3.2
Low Power Shutdown Mode
The TC110 enters a low power shutdown mode when
SHDN is brought low. While in shutdown, the oscillator
is disabled and the output switch (internal or external)
is shut off. Normal regulator operation resumes when
SHDN is brought high. SHDN maybetiedtothe input
supply if not used.
Note:
Because the TC110 uses an external diode,
a leakage path between the input voltage
and the output node (through the inductor
and diode) exists while the regulator is in
shutdown. Care must be taken in system
design to assure the input supply is isolated
from the load during shutdown.
3.3
Soft Start
Soft start allows the output voltage to gradually ramp
from 0V to rated output value during start-up. This
action minimizes (or eliminates) overshoot, and in
general,
reduces
stress
on
circuit
components.
Figure 3-3 shows the circuit required to implement soft
start (values of 470K and 0.1
µFfor RSS and CSS
,
respectively, are adequate for most applications).
3.4
Input Bypass Capacitors
Using an input bypass capacitor reduces peak current
transients drawn from the input supply and reduces the
switching noise generated by the regulator. The source
impedance of the input supply determines the size of
the capacitor that should be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com