Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMPH4015SPSWQ Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMPH4015SPSWQ
Description  175°C P-CHANNEL ENHANCEMENT MODE MOSFET PowerDI5060-8
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMPH4015SPSWQ Datasheet(HTML) 2 Page - Diodes Incorporated

  DMPH4015SPSWQ Datasheet HTML 1Page - Diodes Incorporated DMPH4015SPSWQ Datasheet HTML 2Page - Diodes Incorporated DMPH4015SPSWQ Datasheet HTML 3Page - Diodes Incorporated DMPH4015SPSWQ Datasheet HTML 4Page - Diodes Incorporated DMPH4015SPSWQ Datasheet HTML 5Page - Diodes Incorporated DMPH4015SPSWQ Datasheet HTML 6Page - Diodes Incorporated DMPH4015SPSWQ Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMPH4015SPSWQ
Document number: DS42321 Rev. 2 - 2
2 of 7
www.diodes.com
July 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
DMPH4015SPSWQ
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
-40
V
Gate-Source Voltage
VGSS
±25
V
Continuous Drain Current VGS = -10V (Note 5)
Steady State
TC = +25°C
TC = +100°C
ID
-50
-35
A
Continuous Drain Current VGS = -10V (Note 6)
Steady State
TA = +25°C
TA = +100°C
ID
-12.0
-9.0
A
Pulsed Drain Current (10µs Pulse, Duty Cycle = 1%)
IDM
-100
A
Maximum Body Diode Continuous Current (Note 5)
IS
-50
A
Avalanche Current L = 1mH
IAS
-22
A
Avalanche Energy L = 1mH
EAS
260
mJ
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 7)
TA = +25°C
PD
1.5
W
Thermal Resistance, Junction to Ambient (Note 7)
Steady State
RθJA
98
°C/W
Total Power Dissipation (Note 6)
TA = +25°C
PD
2.6
W
Thermal Resistance, Junction to Ambient (Note 6)
Steady State
RθJA
57
°C/W
Thermal Resistance, Junction to Case (Note 5)
RθJC
0.9
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +175
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 8)
Drain-Source Breakdown Voltage
BVDSS
-40
—
—
V
VGS = 0, ID = -250µA
Zero Gate Voltage Drain Current
IDSS
—
—
-1
µA
VDS = -40V, VGS = 0
Gate-Source Leakage
IGSS
—
—
±100
nA
VGS = ±25V, VDS = 0
ON CHARACTERISTICS (Note 8)
Gate Threshold Voltage
VGS(TH)
-1.5
-2
-2.5
V
VDS = VGS, ID = -250µA
Static Drain-Source On-Resistance
RDS(ON)
—
8
10
m
Ω
VGS = -10V, ID = -9.8A
—
11
14
VGS = -4.5V, ID = -9.8A
Diode Forward Voltage
VSD
—
-0.7
-1
V
VGS = 0, IS = -1A
DYNAMIC CHARACTERISTICS (Note 9)
Input Capacitance
Ciss
—
4234
—
pF
VDS = -20V, VGS = 0
f = 1MHz
Output Capacitance
Coss
—
1036
—
Reverse Transfer Capacitance
Crss
—
526
—
Gate Resistance
Rg
—
7.8
—
Ω
VDS = 0, VGS = 0, f = 1MHz
Total Gate Charge (VGS = -4.5V)
Qg
—
42.7
—
nC
VDS = -20V
ID = -9.8A
Total Gate Charge (VGS = -10V)
Qg
—
91
—
Gate-Source Charge
Qgs
—
14.2
—
Gate-Drain Charge
Qgd
—
13.5
—
Turn-On Delay Time
tD(ON)
—
13.2
—
ns
VGS = -10V, VDD = -20V
Rg = 6Ω, ID = -1A
Turn-On Rise Time
tR
—
10
—
Turn-Off Delay Time
tD(OFF)
—
303
—
Turn-Off Fall Time
tF
—
138
—
Reverse-Recovery Time
tRR
—
26
—
ns
IF = -9.8A, di/dt = -100A/µs
Reverse-Recovery Charge
QRR
—
20
—
nC
IF = -9.8A, di/dt = -100A/µs
Notes:
5. Thermal resistance from junction to soldering point (on the exposed drain pad).
6. Device mounted on FR-4 substrate PC board, 2oz copper, with thermal bias to bottom layer 1inch square copper plate.
7. Device mounted on FR-4 PC board, with minimum recommended pad layout, single sided.
8. Short duration pulse test used to minimize self-heating effect.
9. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com