Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM358YDT Datasheet(PDF) 6 Page - STMicroelectronics

Part # LM358YDT
Description  Low power dual operational amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM358YDT Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LM358YDT Datasheet HTML 2Page - STMicroelectronics LM358YDT Datasheet HTML 3Page - STMicroelectronics LM358YDT Datasheet HTML 4Page - STMicroelectronics LM358YDT Datasheet HTML 5Page - STMicroelectronics LM358YDT Datasheet HTML 6Page - STMicroelectronics LM358YDT Datasheet HTML 7Page - STMicroelectronics LM358YDT Datasheet HTML 8Page - STMicroelectronics LM358YDT Datasheet HTML 9Page - STMicroelectronics LM358YDT Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Electrical characteristics
LM158-LM258-LM358
6/20
4
Electrical characteristics
Table 3.
Electrical characteristics for V
CC
+
= +5V, V
CC
-= Ground, V
o = 1.4V, Tamb = +25°C (unless
otherwise specified)
Symbol
Parameter
LM158A-LM258A
LM358A
LM158-LM258
LM358
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Vio
Input offset voltage (1)
Tamb = +25° C
LM158, LM258
LM158A
13
2
27
5
mV
Tmin ≤ Tamb ≤ Tmax
LM158, LM258
49
7
Iio
Input offset current
Tamb = +25° C
Tmin ≤ Tamb ≤ Tmax
210
30
230
40
nA
Iib
Input bias current (2)
Tamb = +25° C
Tmin ≤ Tamb ≤ Tmax
20
50
100
20
150
200
nA
Avd
Large signal voltage gain
VCC = +15 V, RL = 2 kΩ, Vo = 1.4 V to 11.4 V
Tamb = +25° C
Tmin ≤ Tamb ≤ Tmax
50
25
100
50
25
100
V/mV
SVR
Supply voltage rejection ratio (Rs ≤ 10 kΩ)
VCC
+ = 5 V to 30 V
Tamb = +25° C
Tmin ≤ Tamb ≤ Tmax
65
65
100
65
65
100
dB
ICC
Supply current, all amp, no load
Tmin ≤ Tamb ≤ Tmax VCC = +5 V
Tmin ≤ Tamb ≤ Tmax VCC = +30 V
0.7
1.2
2
0.7
1.2
2
mA
Vicm
Input common mode voltage range
VCC = +30 V
(3)
Tamb = +25° C
Tmin ≤ Tamb ≤ Tmax
0
0
VCC
+ -1.5
VCC
+ -2
0
0
VCC
+ -1.5
VCC
+ -2
V
CMR
Common mode rejection ratio (Rs ≤ 10 kΩ)
Tamb = +25° C
Tmin ≤ Tamb ≤ Tmax
70
60
85
70
60
85
dB
Isource
Output current source
VCC = +15 V, Vo = +2 V, Vid = +1 V
20
40
60
20
40
60
mA
Isink
Output sink current (Vid = -1V)
VCC = +15V, Vo = +2V
VCC = +15V, Vo = +0.2V
10
12
20
50
10
12
20
50
mA
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com