Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA8376A Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA8376A
Description  I2C-bus controlled PAL/NTSC TV processors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8376A Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA8376A Datasheet HTML 17Page - NXP Semiconductors TDA8376A Datasheet HTML 18Page - NXP Semiconductors TDA8376A Datasheet HTML 19Page - NXP Semiconductors TDA8376A Datasheet HTML 20Page - NXP Semiconductors TDA8376A Datasheet HTML 21Page - NXP Semiconductors TDA8376A Datasheet HTML 22Page - NXP Semiconductors TDA8376A Datasheet HTML 23Page - NXP Semiconductors TDA8376A Datasheet HTML 24Page - NXP Semiconductors TDA8376A Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
1996 Jan 26
21
Philips Semiconductors
Objective specification
I2C-bus controlled PAL/NTSC TV processors
TDA8376; TDA8376A
Horizontal synchronization circuits
SYNC VIDEO INPUTS(PINS 7, 9 AND 13)
V7,9,13
sync pulse voltage amplitude
note 7
50
300
−
mV
SLHS
slicing level for horizontal sync
note 11
−
50
−
%
SLVS
slicing level for vertical sync
−
30
−
%
HORIZONTAL OSCILLATOR
ffr
free running frequency
−
15625
−
Hz
∆ffr
spread of free running frequency
−−
±2%
∆f/∆V
P
frequency variation with respect to
the supply voltage
VP =8V ±10%; note 2
−
0.2
0.5
%
∆f
(max)
maximum frequency variation with
temperature
Tamb = 0 to 70 °C; note 2
−−
80
Hz
FIRST CONTROL LOOP (FILTER CONNECTED TO PIN 44); note 12
fHR
frequency holding range PLL
−±0.9
±1.2
kHz
fCR
frequency catching range PLL
note 2
±0.6
±0.9
−
kHz
S/N
signal-to-noise ratio of the video
input signal at which the time
constant is switched
−
20
−
dB
HYS
hysteresis at the switching point
−
1
−
dB
SECOND CONTROL LOOP (CAPACITOR CONNECTED TO PIN 43)
∆ϕi/∆ϕo
control sensitivity
−
150
−µs/µs
tcr
control range from start of horizontal
output to flyback at nominal shift
position
11
12
−µs
tshift
horizontal shift range
63 steps
±2
−−
µs
ϕ
dync
control sensitivity for dynamic
compensation
−
5.3
−µs/V
V43
voltage to switch on the ‘flash’
protection
note 13
6
−−
V
I43
input current during protection
−−
1mA
HORIZONTAL OUTPUT (PIN 40); note 14
VOL
LOW level output voltage
IOL =10mA
−−
0.3
V
IO(max)
maximum allowed output current
10
−−
mA
VO(max)
maximum allowed output voltage
−−
VP
V
δ
duty factor
note 2
−
50
−
%
note 2; VHOUT = high;
during switch-on/switch-off
−
75
−
%
fswitch
frequency during switch-on and
switch-off
−
2fHOUT
−
Hz
tswitch(on)
switch-on time
−
50
−
ms
tswitch(off)
switch-off time
RGB drive maximum
−
100
−
ms
RGB drive minimum
−
50
−
ms
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com