Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATMEGA48P/V Datasheet(PDF) 17 Page - ATMEL Corporation

Part # ATMEGA48P/V
Description  8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA48P/V Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button ATMEGA48P/V Datasheet HTML 13Page - ATMEL Corporation ATMEGA48P/V Datasheet HTML 14Page - ATMEL Corporation ATMEGA48P/V Datasheet HTML 15Page - ATMEL Corporation ATMEGA48P/V Datasheet HTML 16Page - ATMEL Corporation ATMEGA48P/V Datasheet HTML 17Page - ATMEL Corporation ATMEGA48P/V Datasheet HTML 18Page - ATMEL Corporation ATMEGA48P/V Datasheet HTML 19Page - ATMEL Corporation ATMEGA48P/V Datasheet HTML 20Page - ATMEL Corporation ATMEGA48P/V Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
17
8025AS–AVR–07/07
ATmega48P/88P/168P/328P
6.3
ATmega168P
Note:
1. This device can also be supplied in wafer form. Please contact your local Atmel sales office for detailed ordering information
and minimum quantities.
2. Pb-free packaging complies to the European Directive for Restriction of Hazardous Substances (RoHS directive).Also
Halide free and fully Green.
3. See Figure 27-1 on page 314 and Figure 27-2 on page 314.
Speed (MHz)(3)
Power Supply
Ordering Code(2)
Package(1)
Operational Range
10
1.8 - 5.5
ATmega168PV-10AU
ATmega168PV-10MU
ATmega168PV-10PU
32A
32M1-A
28P3
Industrial
(-40°C to 85°C)
20
2.7 - 5.5
ATmega168P-20AU
ATmega168P-20MU
ATmega168P-20PU
32A
32M1-A
28P3
Industrial
(-40°C to 85°C)
Package Type
32A
32-lead, Thin (1.0 mm) Plastic Quad Flat Package (TQFP)
28P3
28-lead, 0.300” Wide, Plastic Dual Inline Package (PDIP)
32M1-A
32-pad, 5 x 5 x 1.0 body, Lead Pitch 0.50 mm Quad Flat No-Lead/Micro Lead Frame Package (QFN/MLF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com