Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST485A Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST485A
Description  Very high speed low power RS-485/RS-422 transceiver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST485A Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST485A Datasheet HTML 4Page - STMicroelectronics ST485A Datasheet HTML 5Page - STMicroelectronics ST485A Datasheet HTML 6Page - STMicroelectronics ST485A Datasheet HTML 7Page - STMicroelectronics ST485A Datasheet HTML 8Page - STMicroelectronics ST485A Datasheet HTML 9Page - STMicroelectronics ST485A Datasheet HTML 10Page - STMicroelectronics ST485A Datasheet HTML 11Page - STMicroelectronics ST485A Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Electrical characteristics
ST485A
8/19
4.5
Receiver switching
(VCC = 4.5V to 5.5V, TA = -40 to 85°C, unless otherwise specified. Typical values are
referred to TA = 25°C, VCC = 5V) (See Note: 1, 3)
Note:
1
All currents into device pins are positive; all currents out of device pins are negative; all
voltages are referenced to device ground unless specified.
2
Applies to peak current. See typical Operating Characteristics.
3tr=tf ≤ 6ms.
Table 10.
Driver switching characteristics
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
tPLH
tPHL
Propagation Delay
CL = 15pF
18
30
ns
tRPDS
|tPLH - tPHL| Propagation delay skew CL = 15pF
0.5
2
ns
tPZL
Output enable time
CRL = 15pF, S1 Closed
7
12
ns
tPZH
Output enable time
CRL = 15pF, S2 Closed
7
12
ns
tPHZ
Output disable time
CRL = 15pF, S2 Closed
7
12
ns
tPLZ
Output disable time
CRL = 15pF, S1 Closed
7
12
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com