Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TL062 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TL062
Description  LOW POWER J-FET DUAL OPERATIONAL AMPLIFIERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL062 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TL062_07 Datasheet HTML 4Page - STMicroelectronics TL062_07 Datasheet HTML 5Page - STMicroelectronics TL062_07 Datasheet HTML 6Page - STMicroelectronics TL062_07 Datasheet HTML 7Page - STMicroelectronics TL062_07 Datasheet HTML 8Page - STMicroelectronics TL062_07 Datasheet HTML 9Page - STMicroelectronics TL062_07 Datasheet HTML 10Page - STMicroelectronics TL062_07 Datasheet HTML 11Page - STMicroelectronics TL062_07 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Electrical characteristics
TL062
8/14
Figure 8.
Supply current per amplifier versus
supply voltag
Figure 9.
Supply current per amplifier versus
free air temperature
T
amb
No signal
No load
= +25˚C
250
200
150
100
50
0
02
6
4
8
10
12
14
16
SUPPLY VOLTAGE ( V)
250
200
150
100
50
0
-75
-50
0
-25
25
50
75
100 125
FREE AIR TEMPERATURE (˚C)
V
CC
= 15V
No signal
No load
Figure 10.
Total power dissipated versus free
air temperature
Figure 11.
Common mode rejection ratio
versus free air temperature
10
5
0
-50
-25
0
25
50
75
100
125
FREE AIR TEMPERATURE (˚C)
-75
15
20
25
30
=
15V
V
CC
No si gnal
N o load
83
82
81
-50
-25
0
25
50
75
100
125
FREE AIR TEMPERATURE (˚C)
-75
84
85
86
87
=
15V
V
CC
R
L
= 1 0k
Ω
Figure 12.
Normalized unity gain bandwidth
slew rate, and phase shift versus
temperature
Figure 13.
Input bias current versus free air
temperature
0.9
0.8
0.7
-50
-25
0
25
50
75
100 125
FREE AIR TEMPERATURE (˚C)
-75
1
1.1
1.2
1.3
UNITY -GA IN-BA NDWIDTH
(left sc ale)
PHASE SH IFT
(right sc ale)
SLEW RAT E
(left scale)
=
15V
V
CC
R L = 10k
Ω
f = B for phase shift
1
0.99
0.98
0.97
1
1.01
1.02
1.03
100
10
1
0.1
0.01
-50
-25
025
50
75
100
125
FREE AIR TEMPERATURE (˚C)
V
CC =
15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com