Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS2430A/R Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS2430A/R
Description  256-Bit 1-Wire EEPROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2430A/R Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS2430A/R Datasheet HTML 1Page - Dallas Semiconductor DS2430A/R Datasheet HTML 2Page - Dallas Semiconductor DS2430A/R Datasheet HTML 3Page - Dallas Semiconductor DS2430A/R Datasheet HTML 4Page - Dallas Semiconductor DS2430A/R Datasheet HTML 5Page - Dallas Semiconductor DS2430A/R Datasheet HTML 6Page - Dallas Semiconductor DS2430A/R Datasheet HTML 7Page - Dallas Semiconductor DS2430A/R Datasheet HTML 8Page - Dallas Semiconductor DS2430A/R Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1 of 16
080807
FEATURES
256-bit Electrically Erasable Programmable
Read Only Memory (EEPROM) plus 64-bit
one-time programmable application register
Unique, factory-lasered and tested 64-bit
registration number (8-bit family code + 48-bit
serial number + 8-bit CRC tester) assures
absolute identity because no two parts are alike
Built-in multidrop controller ensures
compatibility with other MicroLAN products
EEPROM organized as one page of 32 bytes
for random access
Reduces control, address, data, and power to a
single data pin
Directly connects to a single port pin of a
microprocessor and communicates at up to
16.3kbits per second
8-bit family code specifies DS2430A
communication requirements to reader
Presence detector acknowledges when reader
first applies voltage
Low cost TO-92 or 6-pin TSOC and Flip Chip
surface mount package
Reads and writes over a wide voltage range of
2.8V to 6.0V from -40°C to +85°C
ORDERING INFORMATION
DS2430A
TO-92 Package
DS2430AP
6-pin TSOC Package
DS2430A/T&R
TO-92 Package, Tape & Reel
DS2430AP/T&R
TSOC Package, Tape & Reel
DS2430A+
TO-92 Package
DS2430AP+
6-pin TSOC Package
DS2430A+T&R
TO-92 Package, Tape & Reel
DS2430AP+T&R TSOC Package, Tape & Reel
DS2430AX
Flip Chip, 10k Tape & Reel
DS2430AX-S
Flip Chip, 2.5k Tape & Reel
+ Indicates lead-free compliance.
PIN ASSIGNMENT
NOTE: The leads of TO-92 packages on tape-
and-reel are formed to approximately 100 mil
(2.54 mm) spacing. For details refer to drawing
56-G0006-003.
PIN DESCRIPTION
TO-92
TSOC
Flip Chip
Pin 1
Ground
Ground
Ground
Pin 2
Data
Data
Data
Pin 3
NC
NC
NC
Pin 4
––––
NC
NC
Pin 5
––––
NC
––––
Pin 6
––––
NC
––––
DS2430A
256-Bit 1-Wire EEPROM
www.maxim-ic.com
SIDE VIEW
See Mech.
Drawing Section
1
2
3
6
5
4
TOP VIEW
3.7mm x 4.0mm x 1.5mm
TSOC PACKAGE
BOTTOM VIEW
See Mech.
Drawings Section
TO-92
DALLAS
DS2430A
2 3
1
1 2 3
Flip Chip, Top View
with Laser Mark,
Contacts Not Visible.
“rrd” = Revision/Date
#xx = Lot Number
See 56-G7016-001 for
package outline.
1
2
4
3
2430A
rrd#xx


Similar Part No. - DS2430A/R

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2430A DALLAS-DS2430A Datasheet
357Kb / 16P
256-Bit 1-Wire EEPROM
logo
Maxim Integrated Produc...
DS2430A MAXIM-DS2430A Datasheet
624Kb / 19P
256-Bit 1-Wire EEPROM
4/10
DS2430A MAXIM-DS2430A Datasheet
866Kb / 19P
256-Bit 1-Wire EEPROM
Rev 2/12
logo
List of Unclassifed Man...
DS2430A ETC2-DS2430A Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Maxim Integrated Produc...
DS2430A+ MAXIM-DS2430A+ Datasheet
624Kb / 19P
256-Bit 1-Wire EEPROM
4/10
More results

Similar Description - DS2430A/R

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2430A DALLAS-DS2430A Datasheet
357Kb / 16P
256-Bit 1-Wire EEPROM
logo
Maxim Integrated Produc...
DS2431 MAXIM-DS2431_08 Datasheet
283Kb / 25P
1024-Bit, 1-Wire EEPROM
Rev 6; 8/08
DS2431 MAXIM-DS2431_09 Datasheet
274Kb / 26P
1024-Bit, 1-Wire EEPROM
Rev 7; 6/09
DS2430A MAXIM-DS2430A Datasheet
624Kb / 19P
256-Bit 1-Wire EEPROM
4/10
DS2431 MAXIM-DS2431_12 Datasheet
663Kb / 27P
1024-Bit, 1-Wire EEPROM
Rev 12; 2/12
DS2430A MAXIM-DS2430A_12 Datasheet
866Kb / 19P
256-Bit 1-Wire EEPROM
Rev 2/12
DS2431_1203 MAXIM-DS2431_1203 Datasheet
334Kb / 27P
1024-Bit, 1-Wire EEPROM
Rev 13; 3/12
DS28E15 MAXIM-DS28E15 Datasheet
780Kb / 6P
1-Wire SHA-256 Secure Authenticator with 512-Bit User EEPROM
Rev 0; 6/12
DS2431QU MAXIM-DS2431QU Datasheet
474Kb / 27P
1024-Bit, 1-Wire EEPROM
Rev 13; 3/12
DS2431 MAXIM-DS2431_V01 Datasheet
909Kb / 27P
1024-Bit, 1-Wire EEPROM
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com