Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS914AIYD Datasheet(PDF) 6 Page - STMicroelectronics

Part # TS914AIYD
Description  Rail-to-rail CMOS quad operational amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS914AIYD Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TS914AIYD Datasheet HTML 2Page - STMicroelectronics TS914AIYD Datasheet HTML 3Page - STMicroelectronics TS914AIYD Datasheet HTML 4Page - STMicroelectronics TS914AIYD Datasheet HTML 5Page - STMicroelectronics TS914AIYD Datasheet HTML 6Page - STMicroelectronics TS914AIYD Datasheet HTML 7Page - STMicroelectronics TS914AIYD Datasheet HTML 8Page - STMicroelectronics TS914AIYD Datasheet HTML 9Page - STMicroelectronics TS914AIYD Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Electrical characteristics
TS914
6/19
Table 4.
VCC
+ = 5V, V
cc
- = 0V, R
L, CL connected to VCC/2, Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Vio
Input offset voltage
(Vicm = Vo = VCC/2)
Tamb, TS914
Tamb, TS914A
Tmin ≤ Tamb ≤ Tmax, TS914
Tmin ≤ Tamb ≤ Tmax, TS914A
10
5
12
7
mV
ΔVio
Input offset voltage drift
5
μV/°C
Iio
Input offset current (1)
Tamb
Tmin ≤ Tamb ≤ Tmax
1
100
200
pA
Iib
Input bias current (1)
Tamb
Tmin ≤ Tamb ≤ Tmax
1
150
300
pA
ICC
Supply current
per amplifier, AVCL = 1, no load
Tamb
Tmin ≤ Tamb ≤ Tmax
230
350
450
μA
CMR
Common mode rejection ratio
Vic = 1.5 to 3V, Vo = 2.5V
85
dB
SVR
Supply voltage rejection ratio
VCC
+ = 3 to 5V, V
o = VCC/2
80
dB
Avd
Large signal voltage gain
RL = 10kΩ, Vo = 1.5V to 3.5V
Tamb
Tmin ≤ Tamb ≤ Tmax
10
7
40
V/mV
VOH
High level output voltage
Vid = 1V, Tamb
RL = 10kΩ
RL = 600Ω
RL = 100Ω
Vid = 1V, Tmin ≤ Tamb ≤ Tmax
RL = 10kΩ
RL = 600Ω
4.85
4.20
4.8
4.1
4.95
4.65
3.7
V
VOL
Low level output voltage
Vid = -1V, Tamb
RL = 10kΩ
RL = 600Ω
RL = 100Ω
Vid = -1V, Tmin ≤ Tamb ≤ Tmax
RL = 10kΩ
RL = 600Ω
50
350
1400
100
680
150
900
mV
Io
Output short circuit current
Vid = ±1V
Source (Vo = VCC)
Sink (Vo = VCC
+)
60
60
mA
GBP
Gain bandwith product
AVCL =100, RL = 10kΩ, CL = 100pF,
f = 100kHz
1MHz
SR
Slew rate
AVCL =1, RL =10kΩ, CL = 100pF,
Vi =1Vto4V
0.8
V/
μs
φm
Phase margin
30
°
en
Equivalent input noise voltage
Rs = 100Ω, f = 1kHz
30
nV/
√Hz
VO1/VO2 Channel separation
f = 1kHz
120
dB
1.
Maximum values include unavoidable inaccuracies of the industrial tests.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com