Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

REF3K3WHFHDPSUTOBO1 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # REF3K3WHFHDPSUTOBO1
Description  OptiMOSTM 5 Power-Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

REF3K3WHFHDPSUTOBO1 Datasheet(HTML) 2 Page - Infineon Technologies AG

  REF3K3WHFHDPSUTOBO1 Datasheet HTML 1Page - Infineon Technologies AG REF3K3WHFHDPSUTOBO1 Datasheet HTML 2Page - Infineon Technologies AG REF3K3WHFHDPSUTOBO1 Datasheet HTML 3Page - Infineon Technologies AG REF3K3WHFHDPSUTOBO1 Datasheet HTML 4Page - Infineon Technologies AG REF3K3WHFHDPSUTOBO1 Datasheet HTML 5Page - Infineon Technologies AG REF3K3WHFHDPSUTOBO1 Datasheet HTML 6Page - Infineon Technologies AG REF3K3WHFHDPSUTOBO1 Datasheet HTML 7Page - Infineon Technologies AG REF3K3WHFHDPSUTOBO1 Datasheet HTML 8Page - Infineon Technologies AG REF3K3WHFHDPSUTOBO1 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
OptiMOSTM 5 Automotive Power MOSFET, 100 V
IAUCN10S5L280D
Table of Contents
Description
Maximum ratings
Thermal characteristics
Electrical characteristics
Electrical characteristics diagrams
Package outline & footprint
Revision history
Disclaimer
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
1
3
4
4
6
10
11
12
Rev. 1.0
2024-05-03
Data Sheet
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com