Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMHS60R650RFZ Datasheet(PDF) 4 Page - MagnaChip Semiconductor.

Part # MMHS60R650RFZ
Description  600V 0.65Ω N-channel MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MMHS60R650RFZ Datasheet(HTML) 4 Page - MagnaChip Semiconductor.

  MMHS60R650RFZ Datasheet HTML 1Page - MagnaChip Semiconductor. MMHS60R650RFZ Datasheet HTML 2Page - MagnaChip Semiconductor. MMHS60R650RFZ Datasheet HTML 3Page - MagnaChip Semiconductor. MMHS60R650RFZ Datasheet HTML 4Page - MagnaChip Semiconductor. MMHS60R650RFZ Datasheet HTML 5Page - MagnaChip Semiconductor. MMHS60R650RFZ Datasheet HTML 6Page - MagnaChip Semiconductor. MMHS60R650RFZ Datasheet HTML 7Page - MagnaChip Semiconductor. MMHS60R650RFZ Datasheet HTML 8Page - MagnaChip Semiconductor. MMHS60R650RFZ Datasheet HTML 9Page - MagnaChip Semiconductor. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MMHS60R650RFZ
Datasheet
Aug. 2024 Revision 1.1
Magnachip Semiconductor Ltd.
4
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Continuous Diode Forward
Current
ISD
-
-
8.0
A
Diode Forward Voltage
VSD
-
-
1.4
V
ISD = 8A, VGS = 0V
Reverse Recovery Time
trr
-
170
-
ns
ISD = 8A
di/dt = 100A/μs
VDD = 100V
Reverse Recovery Charge
Qrr
-
0.70
-
μC
Reverse Recovery Current
Irrm
-
8.0
-
A
Reverse Diode Characteristics (Tc=25oC unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com