Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC1264 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC1264
Description  800 mA Fixed-Output CMOS LDO with Shutdown
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1264 Datasheet(HTML) 1 Page - Microchip Technology

  TC1264_06 Datasheet HTML 1Page - Microchip Technology TC1264_06 Datasheet HTML 2Page - Microchip Technology TC1264_06 Datasheet HTML 3Page - Microchip Technology TC1264_06 Datasheet HTML 4Page - Microchip Technology TC1264_06 Datasheet HTML 5Page - Microchip Technology TC1264_06 Datasheet HTML 6Page - Microchip Technology TC1264_06 Datasheet HTML 7Page - Microchip Technology TC1264_06 Datasheet HTML 8Page - Microchip Technology TC1264_06 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
© 2006 Microchip Technology Inc.
DS21375C-page 1
TC1264
Features
• Very Low Dropout Voltage
• 800 mA Output Current
• High Output Voltage Accuracy
• Standard or Custom Output Voltages
• Overcurrent and Overtemperature Protection
Applications
• Battery Operated Systems
• Portable Computers
• Medical Instruments
• Instrumentation
• Cellular/GSM/PHS Phones
• Linear Post-Regulators for SMPS
• Pagers
Typical Application
Description
The TC1264 is a fixed output, high accuracy (typically
±0.5%) CMOS low dropout regulator. Designed
specifically for battery-operated systems, the TC1264’s
CMOS construction eliminates wasted ground current,
significantly extending battery life. Total supply current
is typically 80 µA at full load (20 to 60 times lower than
in bipolar regulators).
TC1264 key features include ultra low noise operation,
very low dropout voltage (typically 450 mV at full load),
and fast response to step changes in load.
The TC1264 incorporates both over temperature and
over current protection. The TC1264 is stable with an
output capacitor of only 1
μF and has a maximum
output current of 800 mA. It is available in 3-Pin
SOT-223, 3-Pin TO-220 and 3-Pin DDPAK packages.
Package Type
TC1264
VIN
VOUT
C1
1µF
GND
VOUT
VIN
+
VIN
VOUT
GND
FRONT VIEW
FRONT VIEW
1
12 3
3
2
3-Pin TO-220
TAB IS GND
3-Pin SOT-223
3-Pin DDPAK
12 3
TC1264
TC1264
TC1264
800 mA Fixed-Output CMOS LDO with Shutdown


Similar Part No. - TC1264_06

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1264 MICROCHIP-TC1264 Datasheet
448Kb / 12P
800mA Fixed Output CMOS LDO
2002
More results

Similar Description - TC1264_06

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1263 MICROCHIP-TC1263 Datasheet
486Kb / 14P
500mA Fixed Output CMOS LDO with Shutdown
2002
TC1265 MICROCHIP-TC1265 Datasheet
262Kb / 16P
800 mA Fixed-Output CMOS LDO with Shutdown
2004
TC1268 MICROCHIP-TC1268 Datasheet
448Kb / 12P
500mA Fixed Output, Fast Response CMOS LDO with Shutdown
2002
TC1017 MICROCHIP-TC1017 Datasheet
450Kb / 22P
150 mA, Tiny CMOS LDO With Shutdown
2003
TC1263 MICROCHIP-TC1263_05 Datasheet
285Kb / 18P
500 mA, Fixed-Output, CMOS LDO with Shutdown
2005
TC1265 MICROCHIP-TC1265_06 Datasheet
860Kb / 18P
800 mA Fixed-Output CMOS LDO with Shutdown
2006
TC1016 MICROCHIP-TC1016_05 Datasheet
294Kb / 22P
80 mA, Tiny CMOS LDO With Shutdown
2005
TC1017 MICROCHIP-TC1017_13 Datasheet
595Kb / 26P
150 mA, Tiny CMOS LDO With Shutdown
11/29/12
TC1263 MICROCHIP-TC1263_13 Datasheet
312Kb / 18P
500 mA, Fixed-Output, CMOS LDO with Shutdown
2002-2012 11/27/12
TC1017R-3VLTTR MICROCHIP-TC1017R-3VLTTR Datasheet
299Kb / 22P
150 mA, Tiny CMOS LDO With Shutdown
03/01/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com