Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BALF-SPI2-02D3 Datasheet(PDF) 2 Page - STMicroelectronics

Part # BALF-SPI2-02D3
Description  50 Ω nominal input / conjugate matched balun to ST S2-LP, 433 MHz with integrated harmonic filter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BALF-SPI2-02D3 Datasheet(HTML) 2 Page - STMicroelectronics

  BALF-SPI2-02D3 Datasheet HTML 1Page - STMicroelectronics BALF-SPI2-02D3 Datasheet HTML 2Page - STMicroelectronics BALF-SPI2-02D3 Datasheet HTML 3Page - STMicroelectronics BALF-SPI2-02D3 Datasheet HTML 4Page - STMicroelectronics BALF-SPI2-02D3 Datasheet HTML 5Page - STMicroelectronics BALF-SPI2-02D3 Datasheet HTML 6Page - STMicroelectronics BALF-SPI2-02D3 Datasheet HTML 7Page - STMicroelectronics BALF-SPI2-02D3 Datasheet HTML 8Page - STMicroelectronics BALF-SPI2-02D3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
1
Characteristics
Table 1. Absolute maximum ratings (Tamb = 25 °C)
Symbol Parameter
Value
Unit
PIN
Input power RFIN
20
dBm
VESD
ESD ratings human body model (JESD22-A114), all I/O one at a time while others connected to
GND
2000
V
ESD ratings machine model (JESD22-A115), all I/O
200
TOP
Operating temperature
-40 to +105
°C
Table 2. Impedances (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
Min.
Typ.
Max.
ZRX
Nominal differential RX balun impedance
-
matched ST S2-LP
-
Ω
ZTX
Nominal TX filter impedance
ZANT
Antenna impedance
-
50
-
Ω
Table 3. Electrical characteristics and RF performances (Tamb = 25 °C)
Symbol
Parameter
Test condition
Value
Unit
Min.
Typ.
Max.
f
Frequency range
433
MHz
ILRX-ANT
Insertion loss in bandwidth without mismatch loss (RX balun)
1.95
2.20
dB
ILTX-ANT
Insertion loss in bandwidth without mismatch loss (TX filter)
3.15
3.60
dB
RLRX-ANT
Input return loss in bandwidth (RX balun)
11
12
dB
RLTX-ANT
Input return loss in bandwidth (TX filter)
6.5
8.0
dB
ɸimb
Output phase imbalance (RX balun)
-2.1
2.1
°
Aimb
Output amplitude imbalance (RX balun)
-1.1
1.1
dB
Att
Harmonic levels (TX filter)
Attenuation at 2fo
52
58
dB
Attenuation at 3fo
53
63
Attenuation at 4fo
54
55
Attenuation at 5fo
54
55
Attenuation at 6fo
55
56
Attenuation at 7fo
56
57
BALF-SPI2-02D3
Characteristics
DS12508 - Rev 1
page 2/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com