Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STGB30H65DFB2 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STGB30H65DFB2
Description  Trench gate field-stop, 650 V, 30 A, high-speed HB2 series IGBT in a D²PAK package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGB30H65DFB2 Datasheet(HTML) 2 Page - STMicroelectronics

  STGB30H65DFB2 Datasheet HTML 1Page - STMicroelectronics STGB30H65DFB2 Datasheet HTML 2Page - STMicroelectronics STGB30H65DFB2 Datasheet HTML 3Page - STMicroelectronics STGB30H65DFB2 Datasheet HTML 4Page - STMicroelectronics STGB30H65DFB2 Datasheet HTML 5Page - STMicroelectronics STGB30H65DFB2 Datasheet HTML 6Page - STMicroelectronics STGB30H65DFB2 Datasheet HTML 7Page - STMicroelectronics STGB30H65DFB2 Datasheet HTML 8Page - STMicroelectronics STGB30H65DFB2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
1
Electrical ratings
Table 1. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCES
Collector-emitter voltage (VGE = 0 V)
650
V
IC
Continuous collector current at TC = 25 °C
50
A
Continuous collector current at TC = 100 °C
30
A
ICP(1)(2)
Pulsed collector current
90
A
VGE
Gate-emitter voltage
±20
V
Transient gate-emitter voltage (tp ≤ 10 μs)
±30
IF
Continuous forward current at TC = 25 °C
41
A
Continuous forward current at TC = 100 °C
24
IFP(1)(2)
Pulsed forward current
120
A
PTOT
Total power dissipation at TC = 25 °C
167
W
TSTG
Storage temperature range
-55 to 150
°C
TJ
Operating junction temperature range
-55 to 175
°C
1. Pulse width is limited by maximum junction temperature.
2. Defined by design, not subject to production test.
Table 2. Thermal data
Symbol
Parameter
Value
Unit
RthJC
Thermal resistance junction-case IGBT
0.9
°C/W
Thermal resistance junction-case diode
1.47
RthJA
Thermal resistance junction-ambient
62.5
STGB30H65DFB2
Electrical ratings
DS13253 - Rev 1
page 2/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com