Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SML02SC06D2A Datasheet(PDF) 2 Page - TT Electronics.

Part # SML02SC06D2A
Description  SILICON CARBIDE SCHOTTKY BARRIER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SML02SC06D2A Datasheet(HTML) 2 Page - TT Electronics.

  SML02SC06D2A Datasheet HTML 1Page - TT Electronics. SML02SC06D2A Datasheet HTML 2Page - TT Electronics. SML02SC06D2A Datasheet HTML 3Page - TT Electronics. SML02SC06D2A Datasheet HTML 4Page - TT Electronics. SML02SC06D2A Datasheet HTML 5Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SILICON CARBIDE
SCHOTTKY BARRIER DIODE
SML02SC06D2A / SML02SC06D2B
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Semelab
Telephone:
Fax:
+44 (0) 1455 556565
+44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number:
Issue:
Page:
10003
2
2 of 5
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise stated)
Symbols
Parameters
Test Conditions
Min.
Typ.
Max.
Units
VF
Diode Forward Voltage
IF = 2A
TJ = 25°C
1.5
1.8
V
IF = 2A
TJ = 175°C
1.8
2.4
IR
Leakage Current
VR = 600V
TJ = 25°C
50
µA
VR = 600V
TJ = 175°C
100
DYNAMIC CHARACTERISTICS
QC(4)
Total Capacitive Charge
VR = 600V
IF = 2A
4.8
nC
di/dt = 500A/µs
TJ = 25°C
C
Total Capacitance
VR = 0V
TJ = 25°C
120
pF
f = 1.0MHz
VR = 200V
TJ = 25°C
12
f = 1.0MHz
Notes
(4)
Indicative by the device design, not a production test.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com