Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC7135CLI Datasheet(PDF) 14 Page - Microchip Technology

Part # TC7135CLI
Description  4-1/2 Digit A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7135CLI Datasheet(HTML) 14 Page - Microchip Technology

Back Button TC7135CLI Datasheet HTML 10Page - Microchip Technology TC7135CLI Datasheet HTML 11Page - Microchip Technology TC7135CLI Datasheet HTML 12Page - Microchip Technology TC7135CLI Datasheet HTML 13Page - Microchip Technology TC7135CLI Datasheet HTML 14Page - Microchip Technology TC7135CLI Datasheet HTML 15Page - Microchip Technology TC7135CLI Datasheet HTML 16Page - Microchip Technology TC7135CLI Datasheet HTML 17Page - Microchip Technology TC7135CLI Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
TC7135
DS21460C-page 14
 2004 Microchip Technology Inc.
FIGURE 6-2:
4-1/2 Digit ADC With Multiplexed Common Anode Led Display.
FIGURE 6-3:
RC Oscillator Circuit.
FIGURE 6-4:
Comparator Clock Circuits.
20
19
18
17
12
23
7
8
16
15
14
13
11
2
1
3
9
10
22
6
5
4
6
2
1
7
5
9 15
16
bc
77
7
7
DM7447A
Blank MSD On Zero
D1 D2
D3 D4 D5
INT OUT
AZ IN
BUFF
OUT
FIN
+INPUT
–INPUT
ANALOG
COMMON
V–
REF
IN
POL
CREF –
B8
B4
B2
B1
+5V
+5V
X7
0.33 µF
200 kHz
+
–
Analog
Input
1µF
100 k
Ω
1µF
4.7 k
Ω
1µF
1µF
5V
100 k
Ω
100 k
Ω
D
B
C
A
RBI
V+
V+
CREF+
TC7135
MCP1525
a. If R
1 = R2 = R1, F≅ 0.55/RC
a. F = 120 kHz, C = 420 pF
R
1 = 8.93 kΩ
R1 = 27.3 kΩ
R2
R1
FO
Gates are 74C04
C
F
O
1
2C 0.41R
P
0.7R
1
+
()
--------------------------------------------------
=
,R
P
R
1R2
R
1
R
2
+
------------------
=
1.
b. If R
2 >> R1, F ≅ 0.45/R1C
c. If R
2 << R1, F ≅ 0.72/R1C
2. Examples:
R
1 = R2 ≈ 10.9 kΩ
b. F = 120 kHz, C = 420pF, R
2 = 50 kΩ
c. F = 120 kHz, C = 220 pF, R
2 = 5 kΩ
+5V
VOUT
390 pF
30 k
Ω
7
8
2
3
16 k
Ω
0.22 µF
16 k
Ω
4
1k
Ω
1
+5V
VOUT
2
3
1
4
7
6
R2
100 k
Ω
R2
100 k
Ω
R3
50 k
Ω
C2
10 pF
R4
2k
Ω
C1
0.1 µF
–
+
LM311
–
+
LM311
56 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com