Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC7660EOA Datasheet(PDF) 7 Page - Microchip Technology

Part # TC7660EOA
Description  5V To 짹10V Voltage Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7660EOA Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC7660EOA Datasheet HTML 3Page - Microchip Technology TC7660EOA Datasheet HTML 4Page - Microchip Technology TC7660EOA Datasheet HTML 5Page - Microchip Technology TC7660EOA Datasheet HTML 6Page - Microchip Technology TC7660EOA Datasheet HTML 7Page - Microchip Technology TC7660EOA Datasheet HTML 8Page - Microchip Technology TC7660EOA Datasheet HTML 9Page - Microchip Technology TC7660EOA Datasheet HTML 10Page - Microchip Technology TC7660EOA Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
© 2005 Microchip Technology Inc.
DS21486C-page 7
TCM680
4.5
Maximum Operating Limits
The maximum input voltage rating must be observed.
The TCM680 will clamp the input voltage to 5.8V.
Exceeding this maximum threshold will cause exces-
sive current to flow through the TCM680, potentially
causing permanent damage to the device.
4.6
Switched Capacitor Converter
Power Losses
The overall power loss of a switched capacitor
converter is affected by four factors:
1.
Losses from power consumed by the internal
oscillator, switch drive, etc. These losses will
vary
with
input
voltage,
temperature and
oscillator frequency.
2.
Conduction losses in the non-ideal switches.
3.
Losses due to the non-ideal nature of the
external capacitors.
4.
Losses that occur during charge transfer from
the pump to reservoir capacitors when a voltage
difference between the capacitors exists.
The power loss for the TCM680 is calculated using the
following equation:
EQUATION
PLOSS = (IOUT+)
2 X R
OUT
- + (I
OUT-)
2 X R
OUT
+ + I
IN X VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com