Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA8563 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA8563
Description  2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8563 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA8563 Datasheet HTML 1Page - NXP Semiconductors TDA8563 Datasheet HTML 2Page - NXP Semiconductors TDA8563 Datasheet HTML 3Page - NXP Semiconductors TDA8563 Datasheet HTML 4Page - NXP Semiconductors TDA8563 Datasheet HTML 5Page - NXP Semiconductors TDA8563 Datasheet HTML 6Page - NXP Semiconductors TDA8563 Datasheet HTML 7Page - NXP Semiconductors TDA8563 Datasheet HTML 8Page - NXP Semiconductors TDA8563 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
1997 Feb 20
4
Philips Semiconductors
Product specification
2
× 40 W/2 Ω stereo BTL car radio power
amplifier with diagnostic facility
TDA8563AQ
PINNING
SYMBOL
PIN
DESCRIPTION
IN 1
1
input 1
GND(S)
2
signal ground
VP1
3
supply voltage 1
OUT 1A
4
output 1A
GND1
5
power ground 1
OUT 1B
6
output 1B
OUT 2A
7
output 2A
GND2
8
power ground 2
OUT 2B
9
output 2B
VP2
10
supply voltage 2
MODE
11
mode switch input
VDIAG
12
diagnostic output
IN 2
13
input 2
Fig.2 Pin configuration.
handbook, halfpage
1
2
3
4
5
6
7
8
9
10
11
12
13
MGL075
TDA8563AQ
IN 1
GND(S)
V P1
OUT 1A
GND1
OUT 1B
OUT 2A
GND2
OUT 2B
VP2
MODE
IN 2
DIAG
V
FUNCTIONAL DESCRIPTION
The TDA8563AQ contains two identical amplifiers and can
be used for bridge applications. The gain of each amplifier
is fixed at 26 dB. Special features of the device are as
follows.
Mode select switch (pin 11)
• Standby: low supply current (<100 µA)
• Mute: input signal suppressed
• Operating: normal on condition.
Since this pin has a very low input current (
<40 µA), a low
cost supply switch can be applied.
To avoid switch-on plops, it is advised to keep the amplifier
in the mute mode during
≥100 ms (charging of the input
capacitors at pin 1 and pin 13). During switching from
standby to mute, the slope should be at least 18 V/s.
This can be achieved by:
• Microprocessor control
• External timing circuit (see Fig.7).
Diagnostic output (pin 12)
DYNAMIC DISTORTION DETECTOR (DDD)
At the onset of clipping of one or more output stages, the
dynamic distortion detector becomes active and pin 12
goes low. This information can be used to drive a sound
processor or DC volume control to attenuate the input
signal and thus limit the distortion. The output level of
pin 12 is independent of the number of channels that are
clipping (see Fig.3).
Fig.3 Distortion detector waveform.
handbook, halfpage
V
0
VP
VO
0
t
MGA721
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com