Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LED-FE009I2-165 Datasheet(PDF) 2 Page - NEC

Part # LED-FE009I2-165
Description  Indoor LED 0.9 mm 165" UHD Bundle
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

LED-FE009I2-165 Datasheet(HTML) 2 Page - NEC

  LED-FE009I2-165 Datasheet HTML 1Page - NEC LED-FE009I2-165 Datasheet HTML 2Page - NEC LED-FE009I2-165 Datasheet HTML 3Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Information
Product Name
NEC LED-FE009i2-165
Product Group
Indoor LED 0.9 mm 165" UHD Bundle
Order Code
81000112
Display
Pixel Configuration
4-in-1 IMD (Black)
LED type
IMD (1616)
Screen Size [inch/cm]
165 / 419
Aspect Ratio
16:9
Pixel Pitch [mm]
0.9
Brightness (max.) [cd/m²]
600
Lifetime
100000 hrs (50% brightness)
Contrast Ratio (typ.)
5000:1
Viewing Angle [°]
140 horizontal / 140 vertical
Dimming Capability
256 levels
Colour Processing
16 bit
Colours [Trill.]
281
LED Driving Method
1/46 dynamic scan
Frame Rate [Hz]
50/60
Refresh Rate [Hz]
≤ 3840
Colour Temperature [K]
3000 - 9500
Screen Resolution
Resolution
3840 x 2160
Resolution per m²
1108033
Number of Pixel per module
[dot]
640 x 360
Number of Pixel per card
[dot]
160 x 180
Connectivity
Input Video Digital
1 x 3G SDI; 1 x DVI-D; 1 x HDMI
Input Control
1 x GenLock; 1 x LAN
Electrical
Total Power Consumption [W]
2880 typ. / 5400 max.
Power Consumption typ. [W]
380 per m² (normal use)
Power Consumption max. [W]
720 per m²
Environmental Conditions
Operating Temperature [°C]
-20 to 40
Operating Humidity [%]
10 to 80
Mechanical
Dimensions (W x H x D) [mm]
per module
608 x 342 x 49
Dimensions (W x H x D) [mm]
3,688 x 2,173.5 x 82
Weight [kg]
390.8
Indoor LED 0.9 mm 165 UHD Bundle - NEC LED-FE009i2-165 (2 / 3)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com