Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC2117-2.5EB Datasheet(PDF) 5 Page - Microchip Technology

Part # TC2117-2.5EB
Description  800 mA Fixed Low Dropout Positive Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC2117-2.5EB Datasheet(HTML) 5 Page - Microchip Technology

  TC2117-2.5EB Datasheet HTML 1Page - Microchip Technology TC2117-2.5EB Datasheet HTML 2Page - Microchip Technology TC2117-2.5EB Datasheet HTML 3Page - Microchip Technology TC2117-2.5EB Datasheet HTML 4Page - Microchip Technology TC2117-2.5EB Datasheet HTML 5Page - Microchip Technology TC2117-2.5EB Datasheet HTML 6Page - Microchip Technology TC2117-2.5EB Datasheet HTML 7Page - Microchip Technology TC2117-2.5EB Datasheet HTML 8Page - Microchip Technology TC2117-2.5EB Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
© 2006 Microchip Technology Inc.
DS21665C-page 5
TC2117
Typical Performance Curves (Continued)
FIGURE 2-7:
Power Supply Rejection
Ratio.
FIGURE 2-8:
Load Step Response.
FIGURE 2-9:
Line Step Response
-70
-60
-50
-40
-30
-20
-10
f (Hz)
10
100
1k
10k
100k
1M
600 mA/DIV
50 mV/DIV
VIN=4.0V
VOUT=3.0V
CIN=1 µF Ceramic
COUT=10 µF Ta
VOUT
50 mV/DIV
COUT=10 µF Tantalum (0.25Ω ESR)
IOUT=300 mA
VIN=4.0V to 5.0V
CIN=NA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com