Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP2010N3A Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # CP2010N3A
Description  TRIACS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

CP2010N3A Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  CP2010N3A Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. CP2010N3A Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. CP2010N3A Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. CP2010N3A Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. CP2010N3A Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. CP2010N3A Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. CP2010N3A Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. CP2010N3A Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. CP2010N3A Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
R
版本:202104A
1/9
双向晶闸管
TRIACS
CP2010N3A
主要参数
MAIN CHARACTERISTICS
封装 Package
序号
Pin
引线名称
Description
1
主电极 1
MT1
2
主电极 2
MT2
3
门极
G
IT(RMS)
20A
VDRM
800V
IGT(I,II,III)
10mA
用途
APPLICATIONS
 交流开关
 AC switching
 相位控制
 Phase control
产品特性
FEATURES
 平面钝化芯片高
可靠性、一致性
 Planar chip for reliability
and uniform
 三象限可控硅,
触发 电流 的 一
致性好
 Uniform gate trigger
currents in three
quadrants
 环保 RoHS 产品  RoHS products
 150℃高结温产
 150℃ High operating
junction temperature
订货信息 ORDER MESSAGES
订 货 型 号 Order codes
Marking
Package
有卤-条管
无卤-条管
有卤-编带
无卤-编带
Halogen-Tube
halogen-Free-Tube
Halogen-Reel
Halogen-Fre
e-Reel
CP2010N3A-C-B
CP2010N3A-C-BR
N/A
N/A
CP2010N3A
TO-220C
CP2010N3A-CB-B
CP2010N3A-CB-BR
N/A
N/A
CP2010N3A
TO-220S
CP2010N3A-F1-B
CP2010N3A-F1-BR
N/A
N/A
CP2010N3A
TO-220MF-K1
CP2010N3A-S-B
CP2010N3A-S-BR
CP2010N3A-S-
A
CP2010N3A
-S-AR
CP2010N3A
TO-263
TO-220C
TO-220S
TO-263
TO-220MF-K1


Similar Part No. - CP2010N3A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CP2010 ETC1-CP2010 Datasheet
272Kb / 3P
TRANSHIELLD CP2000 SERIES
logo
Chip Integration Techno...
CP20100S CITC-CP20100S Datasheet
463Kb / 3P
20A Surface Mount Trench Schottky Rectifier
logo
List of Unclassifed Man...
CP2010A ETC1-CP2010A Datasheet
272Kb / 3P
TRANSHIELLD CP2000 SERIES
More results

Similar Description - CP2010N3A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT136 PHILIPS-BT136 Datasheet
45Kb / 6P
Triacs
August 1997 Rev 1.200
BT136F PHILIPS-BT136F Datasheet
42Kb / 7P
Triacs
February 1996 Rev 1.100
BT137 PHILIPS-BT137 Datasheet
47Kb / 6P
Triacs
October 1997 Rev 1.200
BT137B PHILIPS-BT137B Datasheet
51Kb / 6P
Triacs
October 1997 Rev 1.200
BT137X PHILIPS-BT137X Datasheet
53Kb / 7P
Triacs
September 1997 Rev 1.200
BT138B PHILIPS-BT138B Datasheet
52Kb / 6P
Triacs
October 1997 Rev 1.200
BTA140 PHILIPS-BTA140 Datasheet
47Kb / 6P
Triacs
September 1997 Rev 1.200
logo
STMicroelectronics
BTB15B STMICROELECTRONICS-BTB15B Datasheet
177Kb / 4P
TRIACS
Feb-1989
logo
Unisonic Technologies
UT137FE UTC-UT137FE Datasheet
132Kb / 5P
TRIACS
logo
NXP Semiconductors
BT137SE PHILIPS-BT137SE Datasheet
54Kb / 6P
Triacs Triacs
October 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com