Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JCS2N70C Datasheet(PDF) 5 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JCS2N70C
Description  N-CHANNEL MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JCS2N70C Datasheet(HTML) 5 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  JCS2N70C Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N70C Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N70C Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N70C Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N70C Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N70C Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N70C Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N70C Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N70C Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
R
JCS2N70C
版本:202007D
5/11
特征曲线
ELECTRICAL CHARACTERISTICS (curves)
1
10
0.1
1
V
GS
Top
15V
10V
9V
8V
7V
6.5V
6V
5.5V
Bottom 5V
Notes:
1. 250μs pulse test
2. T
C=25℃
V
DS [V]
2
3
4
5
6
7
8
9
10
0.1
1
10
Notes:
1.25 0μ s pulse test
2.V
DS=20V
25
℃
V
GS [V]
150
℃
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
2
4
6
8
10
12
14
16
N ote
:T
j=25
℃
V
GS=10V
V
GS=20V
I
D
[ A ]
0.1
1
10
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
No tes:
1. 2 50 μ s pu lse test
2. V
GS=0V
25
℃
150
℃
V
SD [V]
10
-1
10
0
10
1
0.0
5.0x10
1
1.0x10
2
1.5x10
2
2.0x10
2
2.5x10
2
3.0x10
2
3.5x10
2
4.0x10
2
4.5x10
2
5.0x10
2
5.5x10
2
C r s s
C i s s
C o s s
*Not e:
1. V- ( G S )= 0V
2. f = 1 M Hz
C
iss =
C
gs+Cgd
(C
ds=shorted)
C
oss =
C
ds+Cgd
C
r ss =
C
gd
V
DS Dr ain-Source Voltage [ V]
On-Region Characteristics
Transfer Characteristics
On-Resistance Variation vs.
Drain Current and Gate Voltage
Body Diode Forward Voltage Variation
vs. Source Current and Temperature
Capacitance Characteristics
Gate Charge Characteristics
0
2
4
6
8
10
12
0
2
4
6
8
10
12
*NOTE:ID=2A
V
DS=560V
V
DS=350V
V
DS=140V
Q
g Toltal Gate Charge [nC]



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com