Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M41T60 Datasheet(PDF) 12 Page - STMicroelectronics

Part # M41T60
Description  Serial access real-time clock
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T60 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M41T60 Datasheet HTML 8Page - STMicroelectronics M41T60 Datasheet HTML 9Page - STMicroelectronics M41T60 Datasheet HTML 10Page - STMicroelectronics M41T60 Datasheet HTML 11Page - STMicroelectronics M41T60 Datasheet HTML 12Page - STMicroelectronics M41T60 Datasheet HTML 13Page - STMicroelectronics M41T60 Datasheet HTML 14Page - STMicroelectronics M41T60 Datasheet HTML 15Page - STMicroelectronics M41T60 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Clock operation
M41T60
12/24
0 = Must be set to '0.'
CB0, CB1 = Century Bits
FT = Frequency Test Bits
OFIE = Oscillator Fail Interrupt Enable Bit
OUT = Output level
S = Sign Bit
ST = STOP Bit
Figure 11. Crystal accuracy across temperature
Table 2. Register map
Address
Data
Function/Range
BCD Format
D7
D6
D5
D4
D3
D2
D1
D0
0
ST
10 Seconds
Seconds
Seconds
00-59
1
OFIE
10 Minutes
Minutes
Minutes
00-59
2
0
0
10 Hours
Hours
Hours
00-23
3
0
0
0
0
0
Day
Day
01-07
4
0
0
10 Date
Date
Date
01-31
5
CB1
CB0
0
10 M.
Month
Century/Month 0-3/01-12
6
10 Years
Years
Year
00-99
7
OUT
FT
S
Calibration
Calibration
AI07888
–160
0
10203040506070
Frequency (ppm)
Temperature
°C
80
–10
–20
–30
–40
–100
–120
–140
–40
–60
–80
20
0
–20
= –0.036 ppm/
°C
2 ± 0.006 ppm/°C2
K
∆F
= K x (T – T
O)
2
F
T
O = 25°C ± 5°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com