Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP6541RT-I/OT Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP6541RT-I/OT
Description  Push-Pull Output Sub-Microamp Comparators
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6541RT-I/OT Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP6541RT-I/OT Datasheet HTML 11Page - Microchip Technology MCP6541RT-I/OT Datasheet HTML 12Page - Microchip Technology MCP6541RT-I/OT Datasheet HTML 13Page - Microchip Technology MCP6541RT-I/OT Datasheet HTML 14Page - Microchip Technology MCP6541RT-I/OT Datasheet HTML 15Page - Microchip Technology MCP6541RT-I/OT Datasheet HTML 16Page - Microchip Technology MCP6541RT-I/OT Datasheet HTML 17Page - Microchip Technology MCP6541RT-I/OT Datasheet HTML 18Page - Microchip Technology MCP6541RT-I/OT Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
© 2006 Microchip Technology Inc.
DS21696E-page 15
MCP6541/1R/1U/2/3/4
FIGURE 4-3:
The MCP6541/2/3/4
comparators’ internal hysteresis eliminates
output chatter caused by input noise voltage.
4.2
Push-Pull Output
The push-pull output is designed to be compatible with
CMOS and TTL logic, while the output transistors are
configured to give rail-to-rail output performance. They
are driven with circuitry that minimizes any switching
current (shoot-through current from supply-to-supply)
when the output is transitioned from high-to-low, or from
low-to-high (see Figures 2-15, 2-18, 2-32 through 2-36
for more information).
4.3
MCP6543 Chip Select (CS)
The MCP6543 is a single comparator with Chip Select
(CS). When CS is pulled high, the total current
consumption drops to 20 pA (typ.); 1 pA (typ.) flows
through the CS pin, 1 pA (typ.) flows through the out-
put pin and 18 pA (typ.) flows through the VDD pin, as
shown in Figure 1-1. When this happens, the
comparator output is put into a high-impedance state.
By pulling CS low, the comparator is enabled. If the CS
pin is left floating, the comparator will not operate
properly. Figure 1-1 shows the output voltage and
supply current response to a CS pulse.
The internal CS circuitry is designed to minimize
glitches when cycling the CS pin. This helps conserve
power, which is especially important in battery-powered
applications.
4.4
Externally Set Hysteresis
Greater flexibility in selecting hysteresis (or input trip
points) is achieved by using external resistors.
Input offset voltage (VOS) is the center (average) of the
(input-referred) low-high and high-low trip points. Input
hysteresis voltage (VHYST) is the difference between
the same trip points. Hysteresis reduces output
chattering when one input is slowly moving past the
other and thus reduces dynamic supply current. It also
helps in systems where it is best not to cycle between
states too frequently (e.g., air conditioner thermostatic
control).
4.4.1
NON-INVERTING CIRCUIT
Figure 4-4 shows a non-inverting circuit for single-
supply applications using just two resistors. The
resulting hysteresis diagram is shown in Figure 4-5.
FIGURE 4-4:
Non-inverting circuit with
hysteresis for single-supply.
FIGURE 4-5:
Hysteresis Diagram for the
Non-Inverting Circuit.
The trip points for Figures 4-4 and 4-5 are:
EQUATION 4-1:
-3
-2
-1
0
1
2
3
4
5
6
7
8
Time (100 ms/div)
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
VOUT
VIN–
VDD = 5.0V
Hysteresis
VREF
VIN
VOUT
MCP654X
VDD
R1
RF
+
-
VOUT
High-to-Low
Low-to-High
VDD
VOH
VOL
VSS
VSS
VDD
VTHL VTLH
VIN
VTLH
VREF 1
R1
RF
-------
+
⎝⎠
⎜⎟
⎛⎞
VOL
R1
RF
-------
⎝⎠
⎜⎟
⎛⎞
–
=
VTHL
VREF 1
R1
RF
-------
+
⎝⎠
⎜⎟
⎛⎞
VOH
R1
RF
-------
⎝⎠
⎜⎟
⎛⎞
–
=
VTLH = trip voltage from low to high
VTHL = trip voltage from high to low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com